Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV63 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCV63
Description  NPN general-purpose double transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV63 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCV63 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV63 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
BCV63_63B
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 4 August 2010
2 of 12
Nexperia
BCV63; BCV63B
NPN general-purpose double transistors
[1]
Group selection will be done on TR1. Due to matched dies, hFE values for TR2 are the same as for TR1.
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Transistor TR2
VCEO
collector-emitter voltage
open base
-
-
6
V
hFE
DC current gain
VCE =700 mV; IC =2mA
[1]
BCV63
110
-
800
BCV63B
200
-
450
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
collector TR2 and base TR1
2
collector TR1
3
emitter TR1 and TR2
4base TR2
2
1
3
4
006aab228
21
34
TR2
TR1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BCV63
-
plastic surface-mounted package; 4 leads
SOT143B
BCV63B
Table 5.
Marking codes
Type number
Marking code[1]
BCV63
*D5
BCV63B
*D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com