Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV64B Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCV64B
Description  PNP general-purpose double transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV64B Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCV64B Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV64B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PNP general-purpose double transistor in a small SOT143B Surface-Mounted
Device (SMD) plastic package.
1.2 Features and benefits
Low current (max. 100 mA)
Low voltage (max. 30 V and 6 V)
AEC-Q101 qualified
Small SMD plastic package
1.3 Applications
General-purpose switching and amplification
For use in Schmitt trigger applications
1.4 Quick reference data
[1]
Due to matched dies, hFE values for TR2 are the same as for TR1.
BCV64B
PNP general-purpose double transistor
Rev. 4 — 2 August 2010
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
N
experia
JEITA
BCV64B
SOT143B
-
BCV63B
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
IC
collector current
-
-
−100 mA
Transistor TR1
VCEO
collector-emitter voltage
open base
-
-
−30
V
hFE
DC current gain
VCE = −5mV;
IC = −2mA
220
-
475
Transistor TR2
VCEO
collector-emitter voltage
open base
-
-
−6V
hFE
DC current gain
VCE = −700 V;
IC = −2mA
[1] 220
-
475


Similar Part No. - BCV64B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV64B PHILIPS-BCV64B Datasheet
46Kb / 8P
PNP general purpose double transistor
1999 May 21
BCV64B PHILIPS-BCV64B_15 Datasheet
301Kb / 12P
PNP general-purpose double transistor
Rev. 4-2 August 2010
More results

Similar Description - BCV64B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC857BS PHILIPS-BC857BS Datasheet
45Kb / 8P
PNP general purpose double transistor
1999 Apr 26
BC807DS PHILIPS-BC807DS Datasheet
60Kb / 8P
PNP general purpose double transistor
2002 Nov 22
BC807DS NXP-BC807DS Datasheet
130Kb / 7P
PNP general purpose double transistor
2002 Nov 22
BC857BS NXP-BC857BS Datasheet
117Kb / 7P
PNP general purpose double transistor
1999 Apr 26
PEMT1 NXP-PEMT1 Datasheet
107Kb / 6P
PNP general purpose double transistor
2001 Nov 07
PIMT1 NXP-PIMT1 Datasheet
105Kb / 6P
PNP general purpose double transistor
2001 Oct 22
PUMT1 NXP-PUMT1 Datasheet
105Kb / 6P
PNP general purpose double transistor
2001 Dec 19
logo
Guangdong Kexin Industr...
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
PNP general purpose double transistor
logo
Nexperia B.V. All right...
BC857BS-Q NEXPERIA-BC857BS-Q Datasheet
238Kb / 12P
PNP general purpose double transistor
29 June 2021
PEMT1 NEXPERIA-PEMT1 Datasheet
178Kb / 7P
PNP/PNP general purpose double transistor
29 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com