Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV71 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BCV71
Description  NPN general purpose transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV71 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BCV71 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV71 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV71 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV71 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV71 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV71 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV71 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Nexperia
BCV71
NPN general purpose transistors
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = 20 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
ICBO
collector-base cut-off
current
VCB = 20 V; IE = 0 A; Tj = 100 °C
-
-
10
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
VCE = 5 V; IC = 10 µA; Tamb = 25 °C
-
90
-
hFE
DC current gain
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
110
-
220
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
-
120
250
mV
VCEsat
collector-emitter
saturation voltage
IC = 50 mA; IB = 2.5 mA; Tamb = 25 °C
-
210
-
mV
IC = 10 mA; IB = 0.5 mA; Tamb = 25 °C
-
750
-
mV
VBEsat
base-emitter saturation
voltage
IC = 50 mA; IB = 2.5 mA; Tamb = 25 °C
-
850
-
mV
VBE
base-emitter voltage
VCE = 5 V; IC = 2 mA; Tamb = 25 °C
550
-
700
mV
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
2.5
-
pF
fT
transition frequency
VCE = 5 V; IC = 10 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
NF
noise figure
VCE = 5 V; IC = 200 µA; RS = 2 kΩ;
f = 1 MHz; B = 200 Hz; Tamb = 25 °C
-
-
10
dB
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
12. Package outline
18-03-12
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
1
2
3
Fig. 1. Package outline SOT23
BCV71
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
25 May 2022
3 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com