Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV72 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCV72
Description  NPN general purpose transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV72 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCV72 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV72 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Nexperia
BCV72
NPN general purpose transistors
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BCV72
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BCV72
K8%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
80
V
VCEO
collector-emitter voltage open base
-
60
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
100
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
single pulse; tp ≤ 1 ms
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
[1]
-
-
500
K/W
[1] Transistor mounted on an FR4 printed-circuit board.
BCV72
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
25 May 2022
2 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com