Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2PAP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAP
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2PAP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSB41AB2PAP Datasheet HTML 35Page - Texas Instruments TSB41AB2PAP Datasheet HTML 36Page - Texas Instruments TSB41AB2PAP Datasheet HTML 37Page - Texas Instruments TSB41AB2PAP Datasheet HTML 38Page - Texas Instruments TSB41AB2PAP Datasheet HTML 39Page - Texas Instruments TSB41AB2PAP Datasheet HTML 40Page - Texas Instruments TSB41AB2PAP Datasheet HTML 41Page - Texas Instruments TSB41AB2PAP Datasheet HTML 42Page - Texas Instruments TSB41AB2PAP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
receive (continued)
The sequence of events for a null packet reception is as follows:
1.
Receive operation initiated. The PHY indicates a receive operation by asserting receive on the CTL lines.
Normally, the interface is idle until receive is asserted. However, the receive operation may interrupt a status
transfer operation that is in progress so that the CTL lines may change from status to receive without an
intervening idle.
2.
Data-on indication. The PHY asserts the data-on indication code on the D lines for one or more cycles.
3.
Receive operation terminated. The PHY terminates the receive operation by asserting idle on the CTL lines.
The PHY asserts at least one cycle of idle following a receive operation.
Table 20. Receive Speed Codes
D0 − D7
DATA RATE
00XX XXXX
S100
0100 XXXX
S200
0101 0000
S400
1YYY YYYY
data-on indication
NOTE: X = Output as 0 by PHY, ignored by LLC.
Y = Output as 1 by PHY, ignored by LLC.
transmit
When the LLC issues a bus request through the LREQ terminal, the PHY arbitrates to gain control of the bus.
If the PHY wins arbitration for the serial bus, the PHY-LLC interface bus is granted to the LLC by asserting the
grant state (11b) on the CTL terminals for one SYSCLK cycle, followed by idle for one clock cycle. The LLC then
takes control of the bus by asserting either idle (00b), hold (01b) or transmit (10b) on the CTL terminals. Unless
the LLC is immediately releasing the interface, the LLC may assert Idle for at most one clock before it must assert
either hold or transmit on the CTL terminals. The hold state is used by the LLC to retain control of the bus while
it prepares data for transmission. The LLC may assert hold for zero or more clock cycles (that is, the LLC need
not assert hold before transmit). The PHY asserts data prefix on the serial bus during this time.
When the LLC is ready to send data, the LLC asserts transmit on the CTL terminals as well as sending the first
bits of packet data on the D lines. A transmit is held on the CTL terminals until the last bits of data have been
sent. The LLC then asserts either hold or idle on the CTL terminals for one clock cycle, and then asserts idle
for one additional cycle before releasing the interface bus and placing its CTL and D terminals in a high-
impedance state. The PHY then regains control of the interface bus.
The hold asserted at the end of packet transmission indicates to the PHY that the LLC requests to send another
packet (concatenated packet) without releasing the serial bus. The PHY responds to this concatenation request
by waiting the required minimum packet separation time and then asserting grant as before. This function may
be used to send a unified response after sending an acknowledge, or to send consecutive isochronous packets
during a single isochronous period. Unless multispeed concatenation is enabled, all packets transmitted during
a single bus ownership must be of the same speed (since the speed of the packet is set before the first packet).
If multi-speed concatenation is enabled (when the EMSC bit of PHY register 5 is set), the LLC must specify the
speed code of the next concatenated packet on the D terminals when it asserts hold on the CTL terminals at
the end of a packet. The encoding for this speed code is the same as the speed code that precedes received
packet data as given in Table 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com