Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X06FF3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # X06FF3
Description  600 V - 1,000 V Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

X06FF3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  X06FF3 Datasheet HTML 1Page - List of Unclassifed Manufacturers X06FF3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
66
0
50
100
150
200
250
25
50
75
100
125
150
Temperature (C)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
0.1
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
0
10
20
30
40
50
60
70
020
40
60
80
100
Reverse Bias Voltage (V)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
0.0
1.0
2.0
3.0
4.0
5.0
Forward Current (A)
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
X06FF3 X10FF3 X06FF5 X10FF5
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
X10FF3
X10FF5
X10FF5
X10FF3
L=0.300"
L=0.400"
L=0.500"
L=0.100"
L=0.000"
L=0.200"
Temperature (°C)
Lead Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com