Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-830 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-830
Description  LGA 4094 AMD® EPYC™ 7003 ATX server motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-830 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-830 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-830 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-830
架构图
订购信息
料号
GbE/10GbE LAN
IPMI
显示
ASMB-830I-00A1
2/-
Yes
AST 2500
ASMB-830T2-00A1
内存
DDR4 ECC-REG DIMM
DDR4 ECC-REG DIMM
2/2
Yes
AST 2500
包装信息
料号
描述
数量
2042083000
设置手册
x 1
1700003194
SATA 数据线
x 1
1700022749-11
SATA 电源线
x 1
1700019748
CPU 电源线
x 2
可选配件
料号
PCA-TPM-00B1E
1970004817N001
1700032421-01
1700025439-01
1700020277-01
1701090401
1700019268-11
1960063434N000
1960106191N001
描述
TPM 2.0 Module by LPC
LGA 4094 CPU 散热用于 2U/4U 机箱 (225W)
MB SFF8643 连接到7P SATA*4
MB SFF8643 连接到 BP SFF8643
Dual port USB 3.0 cable (30 cm/11.8 in) with bracket
COM port cable (40 cm/15.7 in) with bracket
PS/2 port cable (35 cm/13.77 in)
电线支架
1700019268-11
用于1U机箱I/O屏蔽
I/O布局图
ASMB-830I-00A1
ASMB-830T2-00A1
Header
USB3 x2
RJ45
USB3 3/4
LAN 3
100M/1G/10G
RJ45
10/100/1G
RJ45
LAN 4
USB3 1/2
100M/1G/10G
ECC DDR4 2666/2933/3200
PCIe Gen4 x16 Slot
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
USB3
Bridge
USB
3.0
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
ECC DDR4 2666/2933/3200
MDI
PCIe Gen1 x1
PCIe Gen1 x1
PCIe Gen2 x1
USB 2.0 x1
USB3 5
LAN 1
Slot7
PCIe Gen4 x16 Slot
Slot6
PCIe Gen4 x16 Slot
Slot5
PCIe Gen4 x16 Slot
Slot1
PCIe Gen4 x8 Slot
Slot2
PCIe Gen4 x16 Slot
Slot3
PCIe Gen4 x8 Slot
Slot4
USB3 Type A
SPI BIOS
256M-bit
1.8V
SPI BUS
DDR4 CHE
DDR4 CHF
DDR4 CHG
DDR4 CHH
DDR4 CHA
DDR4 CHB
DDR4 CHC
DDR4 CHD
USB 2.0 + 3.0
DDR4
MDI
LPC BUS
Intel
X550-AT2
BMC
AST2500
EC
IT8528E
LPC Conn.
6 x FAN Conn.
2 x RS-232 Header/Conn.
8 bit GPIO Pin Header
PS/2 KB, MS
Realtek
RTL8201F
USB
3.0
Intel
NIC-I210
RJ45
10/100/1G
MDI
PCIe Gen3 x4
PCIe Gen3 x4
SATA 0~3
SATA 4~7
SATA 8
M.2 2280/22110
M.2 2280/22110
Mini SAS HD SATA3 x4
Mini SAS HD SATA3 x4
SATA3 CN
SATA 3 x1
LAN 2
Intel
NIC-I210
DRAM
SPI
SPI Flash
32MB
RGB
VGA Conn.
RJ45
10M/100M
LAN 5
Socket SP3
LGA4094



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com