Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS4002Y Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBLS4002Y
Description  40 V PNP BISS loadswitch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBLS4002Y Datasheet(HTML) 1 Page - NXP Semiconductors

  PBLS4002Y Datasheet HTML 1Page - NXP Semiconductors PBLS4002Y Datasheet HTML 2Page - NXP Semiconductors PBLS4002Y Datasheet HTML 3Page - NXP Semiconductors PBLS4002Y Datasheet HTML 4Page - NXP Semiconductors PBLS4002Y Datasheet HTML 5Page - NXP Semiconductors PBLS4002Y Datasheet HTML 6Page - NXP Semiconductors PBLS4002Y Datasheet HTML 7Page - NXP Semiconductors PBLS4002Y Datasheet HTML 8Page - NXP Semiconductors PBLS4002Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Low VCEsat PNP transistor and NPN resistor-equipped transistor in one package.
1.2 Features
s Low VCEsat (BISS) and resistor-equipped transistor in one package
s Low ‘threshold’ voltage (
< 1 V) compared to MOSFET
s Low drive power required
s Space-saving solution
s Reduction of component count.
1.3 Applications
s Supply line switches
s Battery charger switches
s High-side switches for LEDs, drivers and backlights
s Portable equipment.
1.4 Quick reference data
PBLS4002Y; PBLS4002V
40 V PNP BISS loadswitch
Rev. 01 — 6 December 2004
Product data sheet
Table 1:
Product overview
Type number
Package
Philips
JEITA
PBLS4002Y
SOT363
SC-88
PBLS4002V
SOT666
-
Table 2:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TR1; PNP: low VCEsat transistor
VCEO
collector-emitter voltage
open base
-
-
−40
V
IC
collector-current (DC)
-
-
−500
mA
RCEsat
equivalent on-resistance
IC =−500 mA;
IB =−50 mA
-
440
700
m
Ω
TR2; NPN: resistor-equipped transistor
VCEO
collector-emitter voltage
open base
-
-
50
V


Similar Part No. - PBLS4002Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4002Y PHILIPS-PBLS4002Y Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-12 February 2009
logo
Nexperia B.V. All right...
PBLS4002Y NEXPERIA-PBLS4002Y Datasheet
1Mb / 12P
40 V, 500 mA PNP loadswitch transistor
1 January 2023
PBLS4002Y-Q NEXPERIA-PBLS4002Y-Q Datasheet
276Kb / 12P
40 V PNP loadswitch transistor
27 April 2022
More results

Similar Description - PBLS4002Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBLS4003Y PHILIPS-PBLS4003Y Datasheet
121Kb / 11P
40 V PNP BISS loadswitch
Rev. 02-14 July 2005
PBLS4002D NXP-PBLS4002D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-5 January 2009
PBLS4002Y NXP-PBLS4002Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-12 February 2009
PBLS4003Y NXP-PBLS4003Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-13 February 2009
PBLS4004D NXP-PBLS4004D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-6 January 2009
PBLS4004Y NXP-PBLS4004Y Datasheet
114Kb / 11P
40 V PNP BISS loadswitch
Rev. 03-16 February 2009
PBLS4005D NXP-PBLS4005D Datasheet
156Kb / 15P
40 V PNP BISS loadswitch
Rev. 03-6 January 2009
logo
Nexperia B.V. All right...
PBLS4001Y NEXPERIA-PBLS4001Y Datasheet
450Kb / 12P
40 V PNP BISS loadswitch
Rev. 03 - 12 February 2009
PBLS4002D NEXPERIA-PBLS4002D Datasheet
271Kb / 16P
40 V PNP BISS loadswitch
Rev. 03 - 5 January 2009
PBLS4003Y NEXPERIA-PBLS4003Y Datasheet
229Kb / 12P
40 V PNP BISS loadswitch
Rev. 03 - 13 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com