Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231-E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6231-E/P
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231-E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6231-E/P Datasheet HTML 3Page - Microchip Technology MCP6231-E/P Datasheet HTML 4Page - Microchip Technology MCP6231-E/P Datasheet HTML 5Page - Microchip Technology MCP6231-E/P Datasheet HTML 6Page - Microchip Technology MCP6231-E/P Datasheet HTML 7Page - Microchip Technology MCP6231-E/P Datasheet HTML 8Page - Microchip Technology MCP6231-E/P Datasheet HTML 9Page - Microchip Technology MCP6231-E/P Datasheet HTML 10Page - Microchip Technology MCP6231-E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2004 Microchip Technology Inc.
DS21881B-page 7
MCP6231/2
3.0
APPLICATION INFORMATION
The MCP6231/2 family of op amps is manufactured
using Microchip’s state-of-the-art CMOS process and
is specifically designed for low-cost, low-power and
general-purpose applications. The low supply voltage,
low quiescent current and wide bandwidth makes the
MCP6231/2 ideal for battery-powered applications.
3.1
Rail-to-Rail Input
The MCP6231/2 op amps are designed to prevent
phase reversal when the input pins exceed the supply
voltages. Figure 3-1 shows the input voltage exceeding
the supply voltage without any phase reversal.
FIGURE 3-1:
The MCP6231/2 Show No
Phase Reversal.
The input stage of the MCP6231/2 op amps use two
differential input stages in parallel. One operates at low
common mode input voltage (VCM) and the other at
high VCM. With this topology, the device operates with
VCM up to 300 mV above VDD and 300 mV below VSS.
The
input
offset
voltage
is
measured
at
VCM =VSS – 300 mV and VDD + 300 mV to ensure
proper operation.
Input voltages that exceed the input voltage range
(VSS – 0.3V to VDD + 0.3V at 25°C) can cause
excessive current to flow into or out of the input pins.
Current beyond ±2 mA can cause reliability problems.
Applications that exceed this rating must be externally
limited with a resistor, as shown in Figure 3-2.
FIGURE 3-2:
Input Current-Limiting
Resistor (RIN).
3.2
Rail-to-Rail Output
The output voltage range of the MCP6231/2 op amps
is VDD –35mV (min.) and VSS + 35 mV (max.) when
RL =10kΩ is connected to VDD/2 and VDD = 5.5V.
Refer to Figure 2-14 for more information.
3.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. A unity-gain buffer (G = +1) is the most
sensitive to capacitive loads, but all gains show the
same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1), a small series
resistor at the output (RISO in Figure 3-3) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. It does not,
however, improve the bandwidth.
FIGURE 3-3:
Output resistor, RISO
stabilizes large capacitive loads.
Figure 3-4 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
gain are equal. For inverting gains, GN is 1 + |Gain|
(e.g., –1 V/V gives GN = +2 V/V).
-1
0
1
2
3
4
5
6
0.E+00
1.E+00
2.E+00
3.E+00
4.E+00
5.E+00
6.E+00
7.E+00
8.E+00
9.E+00
1.E+01
Time (1 ms/div)
V
DD = 5.0V
G = +2 V/V
V
IN
VOUT
R
IN
V
SS
Minimum expected V
IN
()
–
2 mA
----------------------------------------------------------------------------
≥
R
IN
Maximum expected V
IN
() V
DD
–
2 mA
-------------------------------------------------------------------------------
≥
VIN
RIN
VOUT
MCP623X
–
+
VIN
RISO
VOUT
MCP623X
CL
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com