Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7022X7 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 7022X7
Description  SMT LEDs 1206 Package Size
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

7022X7 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  7022X7 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
7022X Series SMT LEDs 1206 Package Size
EL ECTRO-OP TIC A L C H A R A CTERISTICS A N D R A TINGS
All dimensions
in mm.
3.20
0.60
1.60
LE D C HIP
1.60
0.30
1.55
0.75
R0.80
PLAS T IC
SUB S T R AT E
0.50
0.50
ANODE
CAT HODE
POLAR IT Y MAR K
CAT HODE MAR K
-40 to +100
-40 to +100
-40 to +100
-40 to +100
-40 to +100
555
13.0
6.0
5
2.8
2.1
-40 to +85
4
60
70
Clear
Green
7022X 15
630
22.0
10.0
5
2.8
2.0
-40 to +85
4
60
70
Clear
Red
7022X 11
580
30.0
10.0
5
2.8
2.2
-40 to +85
4
60
70
Clear
Yellow
7022X 7
560
38.0
15.0
5
2.8
2.1
-40 to +85
4
60
70
Clear
Green
7022X 5
605
25.0
10.0
5
2.8
2.2
-40 to +85
4
60
70
Clear
Orange
7022X 3
7022X1
Non-Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Power Dis s ipation (mW)
Peak F orward C urrent Max. (mA)
Revers e V oltage (V )
Operating temperature (
°C)
S torage T emperature (
°C)
Forward V oltage T yp. (IF=20mA)
Forward V oltage Max. (IF=20mA)
Luminous Intensity Min. (IF =20mA)
Peak W avelength (IF =20mA)
Diffus ed/Non-Diffus ed
Lead S older T ime @ 260
°C (seconds)
Luminous Intensity T yp. (IF =20mA)
Red
Clear
57.5
60
4
-40 to +85
-40 to +100
1.7
2.3
5
25.0
52.0
660
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Non-Diffus ed
Rated C urrent (mA)
20
20
20
20
20
20
Surface Mount Technology
• Tape and reel packaged for high-speed autoinsertion.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• Packaged 2000 pieces per reel.
Leading Edge LED Optoelectronic Performance
• Consistent high brightness.
Exceptional Reliability
• Stringent process controls assure quality.
• Extensive qualification testing to meet strictest requirements.
• Designed to permit easy post-reflow solder joint inspection.
• Solder pad geometry on page 1-X2.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 7022X7

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
7022X7 VCC-7022X7 Datasheet
727Kb / 1P
SMT LEDs 1206 Package Size
More results

Similar Description - 7022X7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7010X CML-7010X Datasheet
28Kb / 1P
SMT LEDs 1206 Package Size
7016X CML-7016X Datasheet
78Kb / 2P
SMT LEDs 1208 Package Size
CMD11-21 CML-CMD11-21 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
CMD15-21 CML-CMD15-21 Datasheet
245Kb / 1P
SMT LEDs 1206 Package Size
CMD17-21 CML-CMD17-21 Datasheet
74Kb / 1P
SMT LEDs 0805 Package Size
logo
Visual Communications C...
7010X VCC-7010X Datasheet
660Kb / 1P
SMT LEDs 1206 Package Size
7022X VCC-7022X Datasheet
727Kb / 1P
SMT LEDs 1206 Package Size
CMD11-21 VCC-CMD11-21 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
CMD15-21 VCC-CMD15-21 Datasheet
703Kb / 1P
SMT LEDs 1206 Package Size
CMD17-21 VCC-CMD17-21 Datasheet
626Kb / 1P
SMT LEDs 0805 Package Size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com