Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231RT-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6231RT-E/MS
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231RT-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6231RT-E/MS Datasheet HTML 7Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 8Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 9Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 10Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 11Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 12Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 13Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 14Page - Microchip Technology MCP6231RT-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2004 Microchip Technology Inc.
DS21881B-page 11
MCP6231/2
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend:
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please
check with your Microchip Sales Office.
5-Lead SC-70 (MCP6231U Only)
Example:
1
23
5
4
5-Lead SOT-23
Example:
XXNN
1
23
5
4
AA07
XNN
YWW
ASN
418
Device
Code
MCP6231
BCNN
MCP6231R
BDNN
MCP6231U
BENN
Note:
Applies to 5-Lead SOT-23.
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
:
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP6232
E/P256
0418
MCP6232
E/SN0418
256
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
6232E
418256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com