Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231RT-E/SN Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6231RT-E/SN
Description  20 UA, 300 kHz Rail-to-Rail Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231RT-E/SN Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6231RT-E/SN Datasheet HTML 5Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 6Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 7Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 8Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 9Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 10Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 11Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 12Page - Microchip Technology MCP6231RT-E/SN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2004 Microchip Technology Inc.
DS21881B-page 9
MCP6231/2
4.0
APPLICATION CIRCUITS
4.1
Matching the Impedance at the
Inputs
To minimize the effect of input bias current in an
amplifier circuit (this is important for very high source-
impedance applications, such as pH meters and
transimpedance amplifiers), the impedance at both
inverting and non-inverting inputs needs to be
matched. This is done by choosing the circuit resistor
values so that the total resistance at each input is the
same. Figure 4-1 shows a summing amplifier circuit.
FIGURE 4-1:
Summing Amplifier Circuit.
To match the inputs, set all voltage sources to ground
and calculate the total resistance at the input nodes. In
this summing amplifier circuit, the resistance at the
inverting input is calculated by setting VIN1, VIN2 and
VOUT to ground. In this case, RG1, RG2 and RF are in
parallel. The total resistance at the inverting input is:
At the non-inverting input, VDD is the only voltage
source. When VDD is set to ground, both Rx and Ry are
in parallel. The total resistance at the non-inverting
input is:
To minimize output offset voltage and increase circuit
accuracy, the resistor values need to meet the
conditions:
4.2
Compensating for the Parasitic
Capacitance
In analog circuit design, the PCB parasitic capacitance
can compromise the circuit behavior; Figure 4-2 shows
a typical scenario. If the input of an amplifier sees
parasitic capacitance of several picofarad (CPARA,
which includes the common mode capacitance of 6 pF,
typical), and large RF and RG, the frequency response
of the circuit will include a zero. This parasitic zero
introduces gain peaking and can cause circuit
instability.
FIGURE 4-2:
Effect of Parasitic
Capacitance at the Input.
One solution is to use smaller resistor values to push
the zero to a higher frequency. Another solution is to
compensate by introducing a pole at the point at which
the zero occurs. This can be done by adding CF in
parallel with the feedback resistor (RF). CF needs to be
selected so that the ratio CPARA:CF is equal to the ratio
of RF:RG.
MCP623X
VOUT
VIN2
–
+
VIN1
RG2
RG1
RF
RZ
VDD
RX
RY
R
VIN-
1
1
R
G1
---------
1
R
G2
---------
1
R
F
------
++


---------------------------------------------
=
Where:
RVIN– = total resistance at the inverting input
R
VIN+
1
1
R
X
------
1
R
Y
------
+


-------------------------
R
Z
+
=
Where:
RVIN+ = total resistance at the inverting
input
R
VIN+
R
VIN
-
=
VOUT
CF
VDC
+
–
VAC
RG
RF
CPARA
C
F
C
PARA
R
G
R
F
-------
•
=
MCP623X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com