Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7101P2 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 7101P2
Description  Bright Pipes Optical Lightpipes FOR RJ-STYLEJACKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

7101P2 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  7101P2 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Precision engineered with ray tracing for bright, optically
precise even indication and attractive appearance.
• ESD protection from circuitry for exceptional reliability.
• High contrast and wide viewing angle for greater visibility.
• Parts inserted after reflow to permit LED pad inspection
before assembly.
• Optimized for use with Bright5Chips™ CMD67-21 Series.
• 7101P features large square lens (.16" x .16") for
high visibility.
• 7101R features low profile (.16" x .07"h) rectangular
lens ideal for height-constrained applications.
• One lightpipe per port.
DESCRIP TION A ND FE A T URES
7101P/R Series Bright 5 Pipes™Optical Lightpipes FOR RJ-STYLE JACKS
*M=locking press-in pin for .062" boards;
T=double sided adhesive (supplied separately)
Example: To order Series 7101P Bright5Pipes with 6 ports
and press-in pin mounting, you would order 7101P6-M.
Mounting hole pattern on page 1-X5.
All dimensions
in inches.
C
L
C
L
C
L
C
L
.100
.300
1.280
.430
.120
WILL SNAP INTO
STANDARD BOARD
THICKNESS
.110
.220
DIM A
DIM B
OPTICAL
LIGHTPIPE
SURFACE
(TYP.4)
.630
.710
.110
.220
DIM B
DIM A
.580
.620
OPTICAL
LIGHTPIPE
SURFACE
(TYP.4)
7101P5/7101R5
7101P6/7101R6
7101P8/7101R8
7101P7/7101R7
MorT
MorT
MorT
MorT
5
8
7
6
2.75
3.30
3.85
4.40
2.20
2.75
3.30
3.85
Model
Mounting
Ports
DIM A DIM B
7101P1/7101R5
7101P2/7101R6
7101P4/7101R8
7101P3/7101R7
MorT
MorT
MorT
MorT
1
4
3
2
.550
1.10
1.65
2.20
-
.550
1.10
1.65
Ports
Dim A Dim B Dim C Dim D Dim E
Dim F Dim G
5
8
7
6
1
4
3
2
2.75
3.30
3.85
4.40
.550
1.10
1.65
2.20
N/A
1.00
1.55
2.10
2.65
3.20
3.75
4.30
N/A
.550
1.10
1.65
2.20
2.75
3.30
3.85
.175
.175
.175
.175
.175
N/A
N/A
N/A
N/A
.550
1.10
1.65
1.65
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
.925
.925
.925
N/A
N/A
N/A
N/A
N/A
1.65
1.65
1.65
.060
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 7101P2

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101P3CWABE CK-COMPONENTS-7101P3CWABE Datasheet
1Mb / 14P
7000 Series Miniature Toggle Switches
7101P3CWAPE CK-COMPONENTS-7101P3CWAPE Datasheet
1Mb / 14P
7000 Series Miniature Toggle Switches
7101P3CWAQE CK-COMPONENTS-7101P3CWAQE Datasheet
1Mb / 14P
7000 Series Miniature Toggle Switches
7101P3CWAW1BE CK-COMPONENTS-7101P3CWAW1BE Datasheet
1Mb / 14P
7000 Series Miniature Toggle Switches
7101P3CWAW1PE CK-COMPONENTS-7101P3CWAW1PE Datasheet
1Mb / 14P
7000 Series Miniature Toggle Switches
More results

Similar Description - 7101P2

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7511C CML-7511C Datasheet
25Kb / 1P
Bright Pipes Optical Lightpipes
7611D2-L CML-7611D2-L Datasheet
22Kb / 1P
Bright Pipes Optical Lightpipes
7514B CML-7514B Datasheet
74Kb / 1P
Bright Pipes Optical Lightpipes
logo
Visual Communications C...
7511A85 VCC-7511A85 Datasheet
133Kb / 1P
Bright Pipes??Optical Lightpipes
7511A87 VCC-7511A87 Datasheet
119Kb / 1P
Bright Pipes??Optical Lightpipes
7511C VCC-7511C Datasheet
137Kb / 1P
Bright Pipes??Optical Lightpipes
7513D2-L VCC-7513D2-L Datasheet
106Kb / 1P
Bright Pipes??Optical Lightpipes
7513D2-S VCC-7513D2-S Datasheet
101Kb / 1P
Bright Pipes Optical Lightpipes
7514B VCC-7514B Datasheet
160Kb / 1P
Bright Pipes Optical Lightpipes
7610D2 VCC-7610D2 Datasheet
99Kb / 1P
Bright Pipes Optical Lightpipes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com