Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6727BTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # A6727BTR
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727BTR Datasheet(HTML) 5 Page - STMicroelectronics

  A6727BTR Datasheet HTML 1Page - STMicroelectronics A6727BTR Datasheet HTML 2Page - STMicroelectronics A6727BTR Datasheet HTML 3Page - STMicroelectronics A6727BTR Datasheet HTML 4Page - STMicroelectronics A6727BTR Datasheet HTML 5Page - STMicroelectronics A6727BTR Datasheet HTML 6Page - STMicroelectronics A6727BTR Datasheet HTML 7Page - STMicroelectronics A6727BTR Datasheet HTML 8Page - STMicroelectronics A6727BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3.2
Electrical characteristics
Table 5. Electrical characteristics (VCC = 12 V; TA = - 40 °C to 125 °C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Recommended operating conditions
VCC
Device supply voltage
See Figure 1
4.1
13.2
V
VIN
Conversion input voltage
13.2
V
VCC< 7.0 V
19.0
V
Supply current and power-on
ICC
VCC supply current
UGATE and LGATE = open
6
mA
IBOOT
BOOT supply current
UGATE = open; PHASE to GND
0.5
mA
UVLO
VCC turn-on
VCC rising
4.1
V
Hysteresis
0.2
V
Oscillator
FSW
Main oscillator accuracy
TA = 25 °C
270
300
330
kHz
250
300
350
kHz
DVOSC
PWM ramp amplitude
1.5
V
dMAX
Maximum duty cycle
80
%
Reference
Output voltage accuracy
VOUT = 0.8 V, TA = 25 °C
-1
-
1
%
VOUT = 0.8 V
-1.5
1.5
%
Error amplifier
A0
DC gain (1)
120
dB
GBWP
Gain-bandwidth product (1)
15
MHz
SR
Slew rate (1)
8
V/μs
IFB
Input bias current
Sourced from FB
100
nA
DIS
Disable threshold
COMP falling
0.43
0.5
V
Gate drivers
IUGATE
HS source current
BOOT- PHASE = 5 V to 12 V
1.5
A
RUGATE
HS sink resistance
BOOT- PHASE = 5 V to 12 V
1.1
Ω
ILGATE
LS source current
VCC = 5 V to 12 V
1.5
A
RLGATE
LS sink resistance
VCC = 5 V to 12 V
0.65
Ω
Overcurrent protection
IOCSET
OCSET current source TA = 25 °C
Sunk from COMP pin, before SS
55
60
65
μA
OCSET current source
52
60
68
VCC_OC
OC switch-over threshold
VCC rising
8
V
VOC_TH
Fixed OC threshold
VPHASE to GND, VCC > VCC_OC
-400
mV
Overand undervoltage protections
OVP
OVP threshold
FB rising
1
V
UVP
UVP threshold
FB falling
0.6
V
1. Guaranteed by design, not to be tested
A6727B
Electrical characteristics
DS14159 - Rev 2
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com