Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED7709 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ALED7709
Description  Automotive LED driver 4-channel 200 mA with a DC-DC converter controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED7709 Datasheet(HTML) 5 Page - STMicroelectronics

  ALED7709 Datasheet HTML 1Page - STMicroelectronics ALED7709 Datasheet HTML 2Page - STMicroelectronics ALED7709 Datasheet HTML 3Page - STMicroelectronics ALED7709 Datasheet HTML 4Page - STMicroelectronics ALED7709 Datasheet HTML 5Page - STMicroelectronics ALED7709 Datasheet HTML 6Page - STMicroelectronics ALED7709 Datasheet HTML 7Page - STMicroelectronics ALED7709 Datasheet HTML 8Page - STMicroelectronics ALED7709 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Pin #
Symbol
Function
15
FSW
Switching frequency setting. A resistor between this pin and SGND sets the desired
switching frequency. This pin is also the synchronization input using a direct pulse signal.
16
SLOPE
Control loop compensation slope setting. A resistor between this pin and SGND sets the
proper amount of compensation slope for the control loop of the DC-DC converter.
17
COMP
DC-DC converter loop compensation. A proper RC filter must be connected between this
pin and SGND for loop compensation.
18
VFB
Output voltage feedback input by an external resistor ladder.
19
PGND
Power ground connection. External components of the DC-DC converter must refer to this
ground pin.
20
GATE
External power NMOS switch gate driver output.
21
LDO5
5.1 V linear regulator supplies the external power NMOS switch gate driver.
Connect a 1 µF bypass capacitor between this pin and PGND as close as possible to the
device.
22
PSW
Switch gate control pin for optional external PMOS for system input protection. Can be left
floating or connected through a resistor to ICSN pin if unused.
23
ICSN
Input and external power NMOS switch current sensing, negative terminal. Connect this
pin to the negative terminal of the input current sensing resistor. The differential voltage
between the VIN and ICSN pins is used to sense the current flowing in the DC-DC
converter stage and to set the threshold for the overcurrent protection.
24
VIN
Supply voltage input. Place a 1 µF bypass capacitor to ground as close as possible to the
device.
-
TPAD
Thermal pad. Connect to a suitable (JESD51-7) copper area (it could or not be electrically
connected to ground) for power dissipation improvement.
ALED7709
Pin configuration
DS14214 - Rev 1
page 5/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com