Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHB Datasheet(PDF) 116 Page - STMicroelectronics

Part # ASM330LHB
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHB Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ASM330LHB Datasheet HTML 112Page - STMicroelectronics ASM330LHB Datasheet HTML 113Page - STMicroelectronics ASM330LHB Datasheet HTML 114Page - STMicroelectronics ASM330LHB Datasheet HTML 115Page - STMicroelectronics ASM330LHB Datasheet HTML 116Page - STMicroelectronics ASM330LHB Datasheet HTML 117Page - STMicroelectronics ASM330LHB Datasheet HTML 118Page - STMicroelectronics ASM330LHB Datasheet HTML 119Page - STMicroelectronics ASM330LHB Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 131 page
background image
15
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
15.1
LGA-14L package information
Figure 23. LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data
W
H
4x
(0.1)
14x
0.475±0.05
14x
0.25±0.05
0.5
Pin1 indicator
BOTTOM VIEW
TOP VIEW
1
C
0.05
C
Pin 1 indicator
Dimensions are in millimeter unless otherwise specified
General tolerance is +/-0.1mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
1
.
0
±
0
5
.
2
]
L
[
h
t
g
n
e
L
1
.
0
±
0
0
.
3
]
W
[
h
t
d
i
W
X
A
M
6
8
.
0
]
H
[
t
h
g
i
e
H
DM00249496_5
ASM330LHB
Package information
DS13773 - Rev 7
page 116/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com