Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHB Datasheet (PDF) - STMicroelectronics

ASM330LHB Datasheet PDF - STMicroelectronics
Part # ASM330LHB
Download  ASM330LHB Download
File Size   3141.01 Kbytes
Page   131 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-accuracy automotive 6-axis inertial module for car electronic control units

ASM330LHB Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM330LHB Datasheet PDF - STMicroelectronics

Part # ASM330LHB
Download  ASM330LHB Click to download

File Size   3141.01 Kbytes
Page   131 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-accuracy automotive 6-axis inertial module for car electronic control units

ASM330LHB Datasheet (HTML) - STMicroelectronics


ASM330LHB Product details

Features
• AEC-Q100 qualified
• Extended temperature range from -40 to +105 °C
• Embedded compensation for high stability over temperature
• Android compliant
• Accelerometer user-selectable full scale up to ±16 g
• Extended gyroscope range from ±125 to ±4000 dps
• Dual operating modes: high-performance and low-power mode
• I²C, MIPI I3CSM, and SPI serial interfaces
• Six-channel synchronized output to enhance accuracy of dead-reckoning
algorithms
• Programmable finite state machine
• Machine learning core
• Smart programmable interrupts
• Embedded 3 KB FIFO available to underload host processor
• ECOPACK and RoHS compliant

Applications
• Satellite precise positioning
• Vehicle-to-everything (V2X)
• ADAS systems
• Active suspension
• Radar, lidar, and camera digital stabilization
• Door/trunk modules
• Motion-activated functions

Description
The ASM330LHB is a system-in-package featuring a 3-axis digital accelerometer and
a 3-axis digital gyroscope with an extended temperature range up to +105 °C.
A safety manual and a software library, certified according to ISO26262:2018, are
provided to support the development of applications using the ASM330LHB and
targeting ASIL-B requirements.
ST’s family of MEMS sensor modules leverages the robust and mature
manufacturing processes already used for the production of micromachined
accelerometers and gyroscopes to serve both the automotive and consumer market.
The ASM330LHB is AEC-Q100 compliant and industrialized through a dedicated
MEMS production flow to meet automotive reliability standards. All the parts are fully
tested with respect to temperature to ensure the highest quality level.
The sensing elements are manufactured using ST’s proprietary micromachining
processes, while the IC interfaces are developed using CMOS technology that allows
the design of a dedicated circuit, which is trimmed to better match the characteristics
of the sensing element.




Similar Part No. - ASM330LHB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ASM330LHBG1 STMICROELECTRONICS-ASM330LHBG1 Datasheet
5Mb / 130P
High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
29-Nov-2023
More results


Similar Description - ASM330LHB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
Electronic Volume Control for Car Stereo Systems
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
Electronic Volume and Tone Control for Car Stereos
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
Electronic Volume Control for Car Audio Systems
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
Electronic Volume Control System for Car Audio ?
logo
Analog Devices
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
High Precision Tri-Axis Inertial Sensor
REV. 0
logo
NIHON DEMPA KOGYO
NX3225SC NDK-NX3225SC Datasheet
99Kb / 1P
Crystal Units For Car Electronics
NX8045GD NDK-NX8045GD Datasheet
83Kb / 1P
Crystal Units For Car Electronics
logo
TDK Electronics
ICM-20789 TDK-ICM-20789 Datasheet
1Mb / 65P
7-Axis, High Performance Integrated 6-Axis Inertial and Barometric Pressure Sensor
logo
STMicroelectronics
ASM330LHH STMICROELECTRONICS-ASM330LHH Datasheet
1Mb / 84P
Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope
06-May-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com