Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHH Datasheet (PDF) - STMicroelectronics

ASM330LHH Datasheet PDF - STMicroelectronics
Part # ASM330LHH
Download  ASM330LHH Download
File Size   2012.09 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope

ASM330LHH Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM330LHH Datasheet PDF - STMicroelectronics

Part # ASM330LHH
Download  ASM330LHH Click to download

File Size   2012.09 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 6-axis inertial module: 3D accelerometer and 3D gyroscope

ASM330LHH Datasheet (HTML) - STMicroelectronics


ASM330LHH Product details

Features
 AEC-Q100 qualified
 Extended temperature range
from -40 to +105 °C
 Embedded compensation for high stability over
temperature
 Accelerometer user-selectable full scale up to
±16 g
 Extended gyroscope range from ±125 to
±4000 dps
 SPI & I²C host serial interface
 Six-channel synchronized output to enhance
accuracy of dead-reckoning algorithms
 Smart programmable interrupts
 Embedded 3 kbytes FIFO available to
underload host processor
 ECOPACK, RoHS and “Green” compliant

Description
The ASM330LHH is a system-in-package featuring a 3D digital accelerometer and a 3D digital gyroscope with an extended temperature range up to +105 °C and designed to address automotive non-safety applications.
ST’s family of MEMS sensor modules leverages the robust and mature manufacturing processes already used for the production of micromachined accelerometers and gyroscopes to serve both the automotive and consumer market. The ASM330LHH is AEC-Q100 compliant and industrialized through a dedicated MEMS production flow to meet automotive reliability standards. All the parts are fully tested with respect to temperature to ensure the highest quality level.
The sensing elements are manufactured using ST’s proprietary micromachining processes, while the IC interfaces are developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better match the characteristics of the sensing element.
The ASM330LHH has a full-scale acceleration range of ±2/±4/±8/±16 g and a wide angular rate range of ±125/±250/±500/±1000/±2000/±4000 dps that enables its usage in a broad range of automotive applications.
All the design aspects of the ASM330LHH have been optimized to reach superior output stability, extremely low noise and full data synchronization to the benefit of sensor-assisted applications like dead reckoning and sensor fusion.
The ASM330LHH is available in a 14-lead plastic land grid array (LGA) package.

Applications
 Dead reckoning (DR)
 Vehicle-to-everything (V2X)
 Telematics, eTolling
 Anti-theft systems
 Impact detection and crash reconstruction
 Motion-activated functions
 Driving comfort
 Vibration monitoring and compensation




Similar Part No. - ASM330LHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ASM330LHHX STMICROELECTRONICS-ASM330LHHX Datasheet
2Mb / 5P
ASM330LHHX adapter board for a standard DIL 24 socket
More results


Similar Description - ASM330LHH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com