Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSO32 Datasheet (PDF) - STMicroelectronics

LSM6DSO32 Datasheet PDF - STMicroelectronics
Part # LSM6DSO32
Download  LSM6DSO32 Download
File Size   1990.64 Kbytes
Page   153 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope

LSM6DSO32 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSO32 Datasheet PDF - STMicroelectronics

Part # LSM6DSO32
Download  LSM6DSO32 Click to download

File Size   1990.64 Kbytes
Page   153 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope

LSM6DSO32 Datasheet (HTML) - STMicroelectronics


LSM6DSO32 Product details

Features
 Power consumption: 0.55 mA in combo highperformance
mode
 “Always-on" experience with low power
consumption for both accelerometer and gyroscope
 Smart FIFO up to 9 kbytes
 ±4/±8/±16/±32 g full scale
 ±125/±250/±500/±1000/±2000 dps full scale
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IO supply (1.62 V)
 Compact footprint: 2.5 mm x 3 mm x 0.83 mm
 SPI / I²C & MIPI I3CSM serial interface with main
processor data synchronization
 Advanced pedometer, step detector and step
counter
 Significant Motion Detection, Tilt detection
 Standard interrupts: free-fall, wakeup, 6D/4D
orientation, click and double-click
 Programmable finite state machine: accelerometer,
gyroscope and external sensors
 Embedded temperature sensor
 ECOPACK, RoHS and “Green” compliant

Description
The LSM6DSO32 is a system-in-package featuring a 3D digital accelerometer and 3D digital gyroscope boosting power performance to 0.55 mA in high-performance mode and enabling always-on low-power features for an optimal motion experience for the consumer.
The LSM6DSO32 supports main OS requirements, offering real, virtual and batch sensors with 9 kbytes for dynamic data batching. ST’s family of MEMS sensor modules leverages the robust and mature manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces are developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better match the characteristics of the sensing element.
The LSM6DSO32 has a full-scale acceleration range of ±4/±8/±16±32 g and an angular rate range of ±125/±250/±500/±1000/±2000 dps.
High robustness to mechanical shock makes the LSM6DSO32 the preferred choice of system designers for the creation and manufacturing of reliable products. The LSM6DSO32 is available in a plastic land grid array (LGA) package.

Applications
 Wearables, smart watches, and sports equipment
 Motion tracking and gesture detection
 Hard fall detection
 Sensor hub
 Navigation
 IoT and connected devices
 Smart power saving for handheld devices




Similar Part No. - LSM6DSO32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSO32X STMICROELECTRONICS-LSM6DSO32X Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
LSM6DSO32XTR STMICROELECTRONICS-LSM6DSO32XTR Datasheet
2Mb / 162P
iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
Rev 1 - March 2021
LSM6DSO32XTR STMICROELECTRONICS-LSM6DSO32XTR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results


Similar Description - LSM6DSO32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com