Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet (PDF) - STMicroelectronics

LSM6DSR Datasheet PDF - STMicroelectronics
Part # LSM6DSR
Download  LSM6DSR Download
File Size   2537.62 Kbytes
Page   168 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope

LSM6DSR Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSR Datasheet PDF - STMicroelectronics

Part # LSM6DSR
Download  LSM6DSR Click to download

File Size   2537.62 Kbytes
Page   168 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope

LSM6DSR Datasheet (HTML) - STMicroelectronics


LSM6DSR Product details

Description
The LSM6DSR is a system-in-package featuring a 3D digital accelerometer and a 3D digital gyroscope with an extended full-scale range for the gyroscope, up to 4000 dps, and high stability over temperature and time. The LSM6DSR supports main OS requirements, offering real, virtual and batch sensors with 9 kbytes with FIFO compression up to three times for dynamic data batching. ST’s family of MEMS sensor modules leverages the robust and mature manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. Product status link LSM6DSR Product summary

Features
■ Extended full-scale range for gyroscope up to 4000 dps
■ High stability over temperature and time
■ Smart FIFO up to 9 kbytes
■ Android compliant
■ Auxiliary SPI for OIS data output for gyroscope and accelerometer
■ ±2/±4/±8/±16 g full scale
■ ±125/±250/±500/±1000/±2000/±4000 dps full scale
■ Analog supply voltage: 1.71 V to 3.6 V
■ SPI / I²C & MIPI I3CSM serial interface with main processor data synchronization
■ Supports sensor synchronization S4S for Qualcomm, full spec compliant (I²C, MIPI I3CSM, SPI)
■ Advanced pedometer, step detector and step counter
■ Significant Motion Detection, tilt detection
■ Programmable Finite State Machine: accelerometer, gyroscope, and external sensors
■ Standard interrupts: free-fall, wakeup, 6D/4D orientation, click and double-click
■ Embedded temperature sensor
■ ECOPACK, RoHS and “Green” compliant

Applications
■ Motion tracking and gesture detection
■ Virtual and augmented reality
■ OIS for camera applications
■ Sensor hub
■ Indoor navigation
■ IoT and connected devices
■ Sports applications
■ Vibration monitoring and compensation
■ Drones
■ Robotics
■ High-precision systems




Similar Part No. - LSM6DSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSR/X STMICROELECTRONICS-LSM6DSR/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSRX STMICROELECTRONICS-LSM6DSRX Datasheet
2Mb / 171P
iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
18-Nov-2020
More results


Similar Description - LSM6DSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com