Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 3Page - STMicroelectronics LSM6DSR Datasheet HTML 4Page - STMicroelectronics LSM6DSR Datasheet HTML 5Page - STMicroelectronics LSM6DSR Datasheet HTML 6Page - STMicroelectronics LSM6DSR Datasheet HTML 7Page - STMicroelectronics LSM6DSR Datasheet HTML 8Page - STMicroelectronics LSM6DSR Datasheet HTML 9Page - STMicroelectronics LSM6DSR Datasheet HTML 10Page - STMicroelectronics LSM6DSR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 168 page
background image
3.1
Pin connections
The LSM6DSR offers flexibility to connect the pins in order to have four different mode connections and
functionalities. In detail:
Mode 1: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is available;
Mode 2: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface and I²C interface master for
external sensor connections are available;
Mode 3: I²C/ MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is available for the application
processor interface while an auxiliary SPI (3- and 4-wire) serial interface for external sensor connections is
available for the gyroscope ONLY;
Mode 4: I²C / MIPI I3CSM slave interface or SPI (3- and 4-wire) serial interface is available for the
application processor interface while an auxiliary SPI (3- and 4-wire) serial interface for external sensor
connections is available for the accelerometer and gyroscope.
Figure 4. LSM6DSR connection modes
HOST
LSM6DSR
HOST
LSM6DSR
HOST
LSM6DSR
LSM6DSM
LSM6DSM
External
sensors
I2C /
SPI (3/4-w)
I2C /
SPI (3/4-w)
I2C /
SPI (3/4-w)
Aux SPI (3/4-w)
Master I2C
Mode 1
Mode 2
Mode 3
HOST
LSM6DSR
I2C /
SPI (3/4-w)
Aux SPI (3/4-w)
Mode 4
For gyro
data only
For XL and
gyro data
Camera
module
Camera
module
MIPI I3CSM /
MIPI I3CSM /
MIPI I3CSM /
MIPI I3CSM /
In the following table each mode is described for the pin connections and function.
LSM6DSR
Pin connections
DS11976 - Rev 2
page 7/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com