Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 9Page - STMicroelectronics LSM6DSR Datasheet HTML 10Page - STMicroelectronics LSM6DSR Datasheet HTML 11Page - STMicroelectronics LSM6DSR Datasheet HTML 12Page - STMicroelectronics LSM6DSR Datasheet HTML 13Page - STMicroelectronics LSM6DSR Datasheet HTML 14Page - STMicroelectronics LSM6DSR Datasheet HTML 15Page - STMicroelectronics LSM6DSR Datasheet HTML 16Page - STMicroelectronics LSM6DSR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 168 page
background image
4.4.2
I²C - inter-IC control interface
Subject to general operating conditions for Vdd and Top.
Table 6. I²C slave timing values
Symbol
Parameter
I²C fast mode(1)(2)
I²C fast mode +(1)(2)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
400
0
1000
kHz
tw(SCLL)
SCL clock low time
1.3
0.5
µs
tw(SCLH) SCL clock high time
0.6
0.26
tsu(SDA)
SDA setup time
100
50
ns
th(SDA)
SDA data hold time
0
0.9
0
µs
th(ST)
START/REPEATED START condition hold time
0.6
0.26
tsu(SR)
REPEATED START condition setup time
0.6
0.26
tsu(SP)
STOP condition setup time
0.6
0.26
tw(SP:SR) Bus free time between STOP and START condition
1.3
0.5
Data valid time
0.9
0.45
Data valid acknowledge time
0.9
0.45
CB
Capacitive load for each bus line
400
550
pF
1. Data based on standard I²C protocol requirement, not tested in production.
2. Data for I²C fast mode and I²C fast mode + have been validated by characterization, not tested in production.
Figure 6. I²C slave timing diagram
SDA
SCL
tsu(SP)
tw(SCLL)
tsu(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tw(SP:SR)
START
REPEATED
START
STOP
START
Note: Measurement points are done at 0.3·Vdd_IO and 0.7·Vdd_IO for both ports.
LSM6DSR
Communication interface characteristics
DS11976 - Rev 2
page 13/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com