Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 6Page - STMicroelectronics LSM6DSR Datasheet HTML 7Page - STMicroelectronics LSM6DSR Datasheet HTML 8Page - STMicroelectronics LSM6DSR Datasheet HTML 9Page - STMicroelectronics LSM6DSR Datasheet HTML 10Page - STMicroelectronics LSM6DSR Datasheet HTML 11Page - STMicroelectronics LSM6DSR Datasheet HTML 12Page - STMicroelectronics LSM6DSR Datasheet HTML 13Page - STMicroelectronics LSM6DSR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 168 page
background image
Symbol
Parameter
Test conditions
Min. Typ. (1) Max.
Unit
LA_ODR Linear acceleration output data rate
1.6(11)
12.5
26
52
104
208
416
833
1666
3332
6667
Hz
G_ODR
Angular rate output data rate
12.5
26
52
104
208
416
833
1666
3332
6667
Vst
Linear acceleration self-test output change(12) (13) (14)
40
1700
mg
Angular rate self-test output change (15)(16)
FS = ±250 dps
20
80
dps
FS = ±2000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Sensitivity values after factory calibration test and trimming.
3. Subject to change.
4. Measurements are performed in a uniform temperature setup and they are based on characterization data
in a limited number of samples. Not measured during final test for production.
5. Values after factory calibration test and trimming.
6. Gyroscope rate noise density in high-performance mode is independent of the ODR and FS setting.
7. Gyroscope RMS noise in low-power mode is independent of the ODR and FS setting.
8. Accelerometer noise density in high-performance mode is independent of the ODR and full scale.
9. Accelerometer RMS noise in low-power mode is independent of the ODR.
10. Noise RMS related to BW = ODR/2.
11. This ODR is available when the accelerometer is in low-power mode.
12. The sign of the linear acceleration self-test output change is defined by the STx_XL bits in a dedicated
register for all axes.
13. The linear acceleration self-test output change is defined with the device in stationary condition as the
absolute value of: OUTPUT[LSb] (self-test enabled) - OUTPUT[LSb] (self-test disabled). 1LSb = 0.061 mg
at ±2 g full scale.
14. Accelerometer self-test limits are full-scale independent.
15. The sign of the angular rate self-test output change is defined by the STx_G bits in a dedicated register for
all axes.
16. The angular rate self-test output change is defined with the device in stationary condition as the absolute
value of: OUTPUT[LSb] (self-test enabled) - OUTPUT[LSb] (self-test disabled). 1LSb = 70 mdps at ±2000
dps full scale
LSM6DSR
Mechanical characteristics
DS11976 - Rev 2
page 10/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com