Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 89 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 89 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 85Page - STMicroelectronics LSM6DSR Datasheet HTML 86Page - STMicroelectronics LSM6DSR Datasheet HTML 87Page - STMicroelectronics LSM6DSR Datasheet HTML 88Page - STMicroelectronics LSM6DSR Datasheet HTML 89Page - STMicroelectronics LSM6DSR Datasheet HTML 90Page - STMicroelectronics LSM6DSR Datasheet HTML 91Page - STMicroelectronics LSM6DSR Datasheet HTML 92Page - STMicroelectronics LSM6DSR Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 168 page
background image
9.66
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah)
FIFO data output X (r)
Table 171. FIFO_DATA_OUT_X_H and FIFO_DATA_OUT_X_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 172. FIFO_DATA_OUT_X_H and FIFO_DATA_OUT_X_L register description
D[15:0]
FIFO X-axis output
9.67
FIFO_DATA_OUT_Y_L (7Bh) and FIFO_DATA_OUT_Y_H (7Ch)
FIFO data output Y (r)
Table 173. FIFO_DATA_OUT_Y_H and FIFO_DATA_OUT_Y_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 174. FIFO_DATA_OUT_Y_H and FIFO_DATA_OUT_Y_L register description
D[15:0]
FIFO Y-axis output
9.68
FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh)
FIFO data output Z (r)
Table 175. FIFO_DATA_OUT_Z_H and FIFO_DATA_OUT_Z_L registers
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 176. FIFO_DATA_OUT_Z_H and FIFO_DATA_OUT_Z_L register description
D[15:0]
FIFO Z-axis output
LSM6DSR
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah)
DS11976 - Rev 2
page 89/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com