Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 47Page - STMicroelectronics LSM6DSR Datasheet HTML 48Page - STMicroelectronics LSM6DSR Datasheet HTML 49Page - STMicroelectronics LSM6DSR Datasheet HTML 50Page - STMicroelectronics LSM6DSR Datasheet HTML 51Page - STMicroelectronics LSM6DSR Datasheet HTML 52Page - STMicroelectronics LSM6DSR Datasheet HTML 53Page - STMicroelectronics LSM6DSR Datasheet HTML 54Page - STMicroelectronics LSM6DSR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 168 page
background image
9.15
CTRL1_XL (10h)
Accelerometer control register 1 (r/w)
Table 48. CTRL1_XL register
ODR_XL3
ODR_XL2
ODR_XL1
ODR_XL0
FS1_XL
FS0_XL
LPF2_XL_EN
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 49. CTRL1_XL register description
ODR_XL[3:0]
Accelerometer ODR selection (see Table 50).
FS[1:0]_XL
Accelerometer full-scale selection. Default value: 00
(00: ±2 g; 01: ±16 g; 10: ±4 g; 11: ±8 g)
LPF2_XL_EN
Accelerometer high-resolution selection
(0: output from first stage digital filtering selected (default);
1: output from LPF2 second filtering stage selected)
Table 50. Accelerometer ODR selection
ODR_XL3 ODR_XL2 ODR_XL1 ODR_XL0
ODR selection [Hz] when
XL_HM_MODE = 1 in CTRL6_C
(15h)
ODR selection [Hz] when
XL_HM_MODE = 0 in CTRL6_C
(15h)
0
0
0
0
Power-down
Power-down
1
0
1
1
1.6 Hz (low power only)
N.A.
0
0
0
1
12.5 Hz (low power)
12.5 Hz (high performance)
0
0
1
0
26 Hz (low power)
26 Hz (high performance)
0
0
1
1
52 Hz (low power)
52 Hz (high performance)
0
1
0
0
104 Hz (normal mode)
104 Hz (high performance)
0
1
0
1
208 Hz (normal mode)
208 Hz (high performance)
0
1
1
0
416 Hz (high performance)
416 Hz (high performance)
0
1
1
1
833 Hz (high performance)
833 Hz (high performance)
1
0
0
0
1.66 kHz (high performance)
1.66 kHz (high performance)
1
0
0
1
3.33 kHz (high performance)
3.33 kHz (high performance)
1
0
1
0
6.66 kHz (high performance)
6.66 kHz (high performance)
1
1
x
x
Not allowed
Not allowed
LSM6DSR
CTRL1_XL (10h)
DS11976 - Rev 2
page 51/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com