Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 66 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 62Page - STMicroelectronics LSM6DSR Datasheet HTML 63Page - STMicroelectronics LSM6DSR Datasheet HTML 64Page - STMicroelectronics LSM6DSR Datasheet HTML 65Page - STMicroelectronics LSM6DSR Datasheet HTML 66Page - STMicroelectronics LSM6DSR Datasheet HTML 67Page - STMicroelectronics LSM6DSR Datasheet HTML 68Page - STMicroelectronics LSM6DSR Datasheet HTML 69Page - STMicroelectronics LSM6DSR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 168 page
background image
9.30
OUT_TEMP_L (20h), OUT_TEMP_H (21h)
Temperature data output register (r). L and H registers together express a 16-bit word in two’s complement.
Table 85. OUT_TEMP_L register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 86. OUT_TEMP_H register
Temp15
Temp14
Temp13
Temp12
Temp11
Temp10
Temp9
Temp8
Table 87. OUT_TEMP register description
Temp[15:0]
Temperature sensor output data
The value is expressed as two’s complement sign extended on the MSB.
9.31
OUTX_L_G (22h) and OUTX_H_G (23h)
Angular rate sensor pitch axis (X) angular rate output register (r). The value is expressed as a 16-bit word in two’s
complement.
If this register is read by the primary interface, data are according to the full scale and ODR settings (CTRL2_G
(11h)) of gyro user interface.
If this register is read by the auxiliary interface, data are according to the full scale and ODR (6.66 kHz) settings of
the OIS gyro.
Table 88. OUTX_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 89. OUTX_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 90. OUTX_H_G register description
D[15:0]
Pitch axis (X) angular rate value
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I²C/MIPI I3CSM: Gyro UI chain pitch axis output
SPI2: Gyro OIS chain pitch axis output
LSM6DSR
OUT_TEMP_L (20h), OUT_TEMP_H (21h)
DS11976 - Rev 2
page 66/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com