Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 13Page - STMicroelectronics LSM6DSR Datasheet HTML 14Page - STMicroelectronics LSM6DSR Datasheet HTML 15Page - STMicroelectronics LSM6DSR Datasheet HTML 16Page - STMicroelectronics LSM6DSR Datasheet HTML 17Page - STMicroelectronics LSM6DSR Datasheet HTML 18Page - STMicroelectronics LSM6DSR Datasheet HTML 19Page - STMicroelectronics LSM6DSR Datasheet HTML 20Page - STMicroelectronics LSM6DSR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
5.1.1.1
I²C operation
The transaction on the bus is started through a START (ST) signal. A START condition is defined as a HIGH to
LOW transition on the data line while the SCL line is held HIGH. After this has been transmitted by the master,
the bus is considered busy. The next byte of data transmitted after the start condition contains the address of the
slave in the first 7 bits and the eighth bit tells whether the master is receiving data from the slave or transmitting
data to the slave. When an address is sent, each device in the system compares the first seven bits after a start
condition with its address. If they match, the device considers itself addressed by the master.
The Slave ADdress (SAD) associated to the LSM6DSR is 110101xb. The SDO/SA0 pin can be used to modify
the less significant bit of the device address. If the SDO/SA0 pin is connected to the supply voltage, LSb is ‘1’
(address 1101011b); else if the SDO/SA0 pin is connected to ground, the LSb value is ‘0’ (address 1101010b).
This solution permits to connect and address two different inertial modules to the same I²C bus.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line LOW so that it remains stable low during the HIGH period of the
acknowledge clock pulse. A receiver which has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the LSM6DSR behaves like a slave device and the following protocol must be adhered
to. After the start condition (ST) a slave address is sent, once a slave acknowledge (SAK) has been returned,
an 8-bit sub-address (SUB) is transmitted. The increment of the address is configured by the CTRL3_C (12h)
(IF_INC).
The slave address is completed with a Read/Write bit. If the bit is ‘1’ (Read), a repeated START (SR) condition
must be issued after the two sub-address bytes; if the bit is ‘0’ (Write) the master will transmit to the slave with
direction unchanged. Table 10 explains how the SAD+Read/Write bit pattern is composed, listing all the possible
configurations.
Table 10. SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0] = SA0
R/W
SAD+R/W
Read
110101
0
1
11010101 (D5h)
Write
110101
0
0
11010100 (D4h)
Read
110101
1
1
11010111 (D7h)
Write
110101
1
0
11010110 (D6h)
Table 11. Transfer when master is writing one byte to slave
Master
ST
SAD + W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 12. Transfer when master is writing multiple bytes to slave
Master
ST
SAD + W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK
Table 13. Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD + W
SUB
SR
SAD + R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Table 14. Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST
SAD+W
SUB
SR
SAD+R
MAK
MAK
NMAK
SP
Slave
SAK
SAK
SAK
DATA
DATA
DATA
LSM6DSR
I²C/SPI interface
DS11976 - Rev 2
page 17/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com