Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSR Datasheet HTML 1Page - STMicroelectronics LSM6DSR Datasheet HTML 2Page - STMicroelectronics LSM6DSR Datasheet HTML 3Page - STMicroelectronics LSM6DSR Datasheet HTML 4Page - STMicroelectronics LSM6DSR Datasheet HTML 5Page - STMicroelectronics LSM6DSR Datasheet HTML 6Page - STMicroelectronics LSM6DSR Datasheet HTML 7Page - STMicroelectronics LSM6DSR Datasheet HTML 8Page - STMicroelectronics LSM6DSR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 168 page
background image
1
Overview
The LSM6DSR is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope.
The LSM6DSR delivers best-in-class motion sensing that can detect orientation and gestures in order to empower
application developers and consumers with features and capabilities that are more sophisticated than simply
orienting their devices to portrait and landscape mode.
This device is suitable for augmented reality and virtual reality applications as well as Optical Image Stabilization
and motion-based gaming controllers as a result of its high stability over temperature and time, combined with
superior sensing precision.
The LSM6DSR fully supports OIS applications using both the gyroscope and accelerometer sensor. The device
can output OIS data through a dedicated auxiliary SPI and includes a dedicated configurable signal processing
path for OIS. For both the gyroscope and accelerometer, the UI signal processing path is completely independent
from that of the OIS and is readable through FIFO. Moreover, self -test and full scale are available for both the UI
and OIS chains.
The event-detection interrupts enable efficient and reliable motion tracking and contextual awareness,
implementing hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or
inactivity, and wakeup events.
The LSM6DSR supports main OS requirements, offering real, virtual and batch mode sensors. In addition, the
LSM6DSR can efficiently run the sensor-related features specified in Android. In particular, the LSM6DSR has
been designed to implement hardware features such as significant motion, tilt, pedometer functions, timestamping
and to support the data acquisition of an external magnetometer.
The LSM6DSR offers hardware flexibility to connect the pins with different mode connections to external sensors
to expand functionalities such as adding a sensor hub.
Up to 9 kbytes of FIFO with compression and dynamic allocation of significant data (i.e. external sensors,
timestamp, etc.) allows overall power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DSR leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better
match the characteristics of the sensing element.
The LSM6DSR is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to address
ultra-compact solutions.
LSM6DSR
Overview
DS11976 - Rev 2
page 3/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com