Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 77 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 73Page - STMicroelectronics LSM6DSR Datasheet HTML 74Page - STMicroelectronics LSM6DSR Datasheet HTML 75Page - STMicroelectronics LSM6DSR Datasheet HTML 76Page - STMicroelectronics LSM6DSR Datasheet HTML 77Page - STMicroelectronics LSM6DSR Datasheet HTML 78Page - STMicroelectronics LSM6DSR Datasheet HTML 79Page - STMicroelectronics LSM6DSR Datasheet HTML 80Page - STMicroelectronics LSM6DSR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 168 page
background image
9.49
WAKE_UP_THS (5Bh)
Single/double-tap selection and wake-up configuration (r/w)
Table 133. WAKE_UP_THS register
SINGLE_
DOUBLE_TAP
USR_OFF_
ON_WU
WK_THS5
WK_THS4
WK_THS3
WK_THS2
WK_THS1
WK_THS0
Table 134. WAKE_UP_THS register description
SINGLE_DOUBLE_TAP
Single/double-tap event enable. Default: 0
(0: only single-tap event enabled;
1: both single and double-tap events enabled)
USR_OFF_ON_WU
Sends the low-pass filtered data with user offset correction (instead of high-pass filtered data) to the
wakeup function.
WK_THS[5:0]
Threshold for wakeup: 1 LSB weight depends on WAKE_THS_W in WAKE_UP_DUR (5Ch). Default
value: 000000
9.50
WAKE_UP_DUR (5Ch)
Free-fall, wakeup and sleep mode functions duration setting register (r/w)
Table 135. WAKE_UP_DUR register
FF_DUR5
WAKE_DUR1 WAKE_DUR0
WAKE_
THS_W
SLEEP_
DUR3
SLEEP_
DUR2
SLEEP_
DUR1
SLEEP_
DUR0
Table 136. WAKE_UP_DUR register description
FF_DUR5
Free fall duration event. Default: 0
For the complete configuration of the free-fall duration, refer to FF_DUR[4:0] in FREE_FALL (5Dh)
configuration.
1 LSB = 1 ODR_time
WAKE_DUR[1:0]
Wake up duration event. Default: 00
1LSB = 1 ODR_time
WAKE_THS_W
Weight of 1 LSB of wakeup threshold. Default: 0
(0: 1 LSB =FS_XL / (26);
1: 1 LSB = FS_XL / (28))
SLEEP_DUR[3:0]
Duration to go in sleep mode. Default value: 0000 (this corresponds to 16 ODR)
1 LSB = 512 ODR
LSM6DSR
WAKE_UP_THS (5Bh)
DS11976 - Rev 2
page 77/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com