Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 72 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 68Page - STMicroelectronics LSM6DSR Datasheet HTML 69Page - STMicroelectronics LSM6DSR Datasheet HTML 70Page - STMicroelectronics LSM6DSR Datasheet HTML 71Page - STMicroelectronics LSM6DSR Datasheet HTML 72Page - STMicroelectronics LSM6DSR Datasheet HTML 73Page - STMicroelectronics LSM6DSR Datasheet HTML 74Page - STMicroelectronics LSM6DSR Datasheet HTML 75Page - STMicroelectronics LSM6DSR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 168 page
background image
9.41
FIFO_STATUS1 (3Ah)
FIFO status register 1 (r)
Table 114. FIFO_STATUS1 register
DIFF_FIFO_7 DIFF_FIFO_6 DIFF_FIFO_5 DIFF_FIFO_4 DIFF_FIFO_3 DIFF_FIFO_2 DIFF_FIFO_1 DIFF_FIFO_0
Table 115. FIFO_STATUS1 register description
DIFF_FIFO_[7:0]
Number of unread sensor data (TAG + 6 bytes) stored in FIFO
In conjunction with DIFF_FIFO[9:8] in FIFO_STATUS2 (3Bh).
9.42
FIFO_STATUS2 (3Bh)
FIFO status register 2 (r)
Table 116. FIFO_STATUS2 register
FIFO_
WTM_IA
FIFO_
OVR_IA
FIFO_
FULL_IA
COUNTER_
BDR_IA
FIFO_OVR_
LATCHED
0
DIFF_FIFO_9 DIFF_FIFO_8
Table 117. FIFO_STATUS2 register description
FIFO_WTM_IA
FIFO watermark status. Default value: 0
(0: FIFO filling is lower than WTM;
1: FIFO filling is equal to or greater than WTM)
Watermark is set through bits WTM[8:0] in FIFO_CTRL1 (07h) and FIFO_CTRL2 (08h).
FIFO_OVR_IA
FIFO overrun status. Default value: 0
(0: FIFO is not completely filled; 1: FIFO is completely filled)
FIFO_FULL_IA
Smart FIFO full status. Default value: 0
(0: FIFO is not full; 1: FIFO will be full at the next ODR)
COUNTER_BDR_IA
Counter BDR reaches the CNT_BDR_TH_[10:0] threshold set in COUNTER_BDR_REG1 (0Bh) and
COUNTER_BDR_REG2 (0Ch). Default value: 0
This bit is reset when these registers are read.
FIFO_OVR_LATCHED
Latched FIFO overrun status. Default value: 0
This bit is reset when this register is read.
DIFF_FIFO_[9:8]
Number of unread sensor data (TAG + 6 bytes) stored in FIFO. Default value: 00
In conjunction with DIFF_FIFO[7:0] in FIFO_STATUS1 (3Ah).
LSM6DSR
FIFO_STATUS1 (3Ah)
DS11976 - Rev 2
page 72/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com