Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 4 Page - STMicroelectronics

  LSM6DSR Datasheet HTML 1Page - STMicroelectronics LSM6DSR Datasheet HTML 2Page - STMicroelectronics LSM6DSR Datasheet HTML 3Page - STMicroelectronics LSM6DSR Datasheet HTML 4Page - STMicroelectronics LSM6DSR Datasheet HTML 5Page - STMicroelectronics LSM6DSR Datasheet HTML 6Page - STMicroelectronics LSM6DSR Datasheet HTML 7Page - STMicroelectronics LSM6DSR Datasheet HTML 8Page - STMicroelectronics LSM6DSR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 168 page
background image
2
Embedded low-power features
The LSM6DSR has been designed to be fully compliant with Android, featuring the following on-chip functions:
9 kbytes data buffering, data can be compressed two or three times
100% efficiency with flexible configurations and partitioning
Possibility to store timestamp
Event-detection interrupts (fully configurable):
Free-fall
Wakeup
6D orientation
Click and double-click sensing
Activity/inactivity recognition
Stationary/Motion detection
Specific IP blocks with negligible power consumption and high-performance:
Pedometer functions: step detector and step counters
Tilt
Significant Motion Detection
Finite State Machine (FSM) for accelerometer, gyroscope, and external sensors
Sensor hub
Up to 6 total sensors: 2 internal (accelerometer and gyroscope) and 4 external sensors
S4S data rate synchronization with external trigger for reduced sensor access and enhanced fusion
2.1
Tilt detection
The tilt function helps to detect activity change and has been implemented in hardware using only the
accelerometer to achieve targets of both ultra-low power consumption and robustness during the short duration of
dynamic accelerations.
The tilt function is based on a trigger of an event each time the device's tilt changes and can be used with
different scenarios, for example:
Triggers when phone is in a front pants pocket and the user goes from sitting to standing or standing to
sitting;
Doesn’t trigger when phone is in a front pants pocket and the user is walking, running or going up stairs.
2.2
Significant Motion Detection
The Significant Motion Detection (SMD) function generates an interrupt when a ‘significant motion’, that could be
due to a change in user location, is detected. In the LSM6DSR device this function has been implemented in
hardware using only the accelerometer.
SMD functionality can be used in location-based applications in order to receive a notification indicating when the
user is changing location.
LSM6DSR
Embedded low-power features
DS11976 - Rev 2
page 4/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com