Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 41Page - STMicroelectronics LSM6DSR Datasheet HTML 42Page - STMicroelectronics LSM6DSR Datasheet HTML 43Page - STMicroelectronics LSM6DSR Datasheet HTML 44Page - STMicroelectronics LSM6DSR Datasheet HTML 45Page - STMicroelectronics LSM6DSR Datasheet HTML 46Page - STMicroelectronics LSM6DSR Datasheet HTML 47Page - STMicroelectronics LSM6DSR Datasheet HTML 48Page - STMicroelectronics LSM6DSR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 168 page
background image
9.6
FIFO_CTRL1 (07h)
FIFO control register 1 (r/w)
Table 31. FIFO_CTRL1 register
WTM7
WTM6
WTM5
WTM4
WTM3
WTM2
WTM1
WTM0
Table 32. FIFO_CTRL1 register description
WTM[7:0]
FIFO watermark threshold, in conjunction with WTM8 in FIFO_CTRL2 (08h).
1 LSB = 1 sensor (6 bytes) + TAG (1 byte) written in FIFO
Watermark flag rises when the number of bytes written in the FIFO is greater than or equal to the threshold level.
9.7
FIFO_CTRL2 (08h)
FIFO control register 2 (r/w)
Table 33. FIFO_CTRL2 register
STOP_ON
_WTM
FIFO_
COMPR_RT_
EN
0(1)
ODRCHG
_EN
0(1)
UNCOPTR
_RATE_1
UNCOPTR
_RATE_0
WTM8
1. This bit must be set to '0' for the correct operation of the device.
Table 34. FIFO_CTRL2 register
STOP_ON_WTM
Sensing chain FIFO stop values memorization at threshold level
(0: FIFO depth is not limited (default);
1: FIFO depth is limited to the threshold level, defined in FIFO_CTRL1 (07h) and FIFO_CTRL2
(08h)
FIFO_COMPR_RT_EN(1) Enables/Disables compression algorithm runtime
ODRCHG_EN
Enables ODR CHANGE virtual sensor to be batched in FIFO
UNCOPTR_RATE_[1:0]
This field configures the compression algorithm to write non-compressed data at each rate.
(0: Non-compressed data writing is not forced;
1: Non-compressed data every 8 batch data rate;
2: Non-compressed data every 16 batch data rate;
3: Non-compressed data every 32 batch data rate)
WTM8
FIFO watermark threshold, in conjunction with WTM[7:0] in FIFO_CTRL1 (07h).
1 LSB = 1 sensor (6 bytes) + TAG (1 byte) written in FIFO
Watermark flag rises when the number of bytes written in FIFO is greater than or equal to the
threshold level.
1. This bit is effective if the FIFO_COMPR_EN bit of EMB_FUNC_EN_B (05h) is set to 1.
LSM6DSR
FIFO_CTRL1 (07h)
DS11976 - Rev 2
page 45/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com