Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 23Page - STMicroelectronics LSM6DSR Datasheet HTML 24Page - STMicroelectronics LSM6DSR Datasheet HTML 25Page - STMicroelectronics LSM6DSR Datasheet HTML 26Page - STMicroelectronics LSM6DSR Datasheet HTML 27Page - STMicroelectronics LSM6DSR Datasheet HTML 28Page - STMicroelectronics LSM6DSR Datasheet HTML 29Page - STMicroelectronics LSM6DSR Datasheet HTML 30Page - STMicroelectronics LSM6DSR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 168 page
background image
6
Functionality
6.1
Operating modes
In the LSM6DSR, the accelerometer and the gyroscope can be turned on/off independently of each other and are
allowed to have different ODRs and power modes.
The LSM6DSR has three operating modes available:
only accelerometer active and gyroscope in power-down or sleep mode
only gyroscope active and accelerometer in power-down
both accelerometer and gyroscope sensors active with independent ODR
The accelerometer is activated from power-down by writing ODR_XL[3:0] in CTRL1_XL (10h) while the gyroscope
is activated from power-down by writing ODR_G[3:0] in CTRL2_G (11h). For combo-mode the ODRs are totally
independent.
6.2
Gyroscope power modes
In the LSM6DSR, the gyroscope can be configured in four different operating modes: power-down, low-power,
normal mode and high-performance mode. The operating mode selected depends on the value of the
G_HM_MODE bit in CTRL7_G (16h). If G_HM_MODE is set to '0', high-performance mode is valid for all ODRs
(from 12.5 Hz up to 6.66 kHz).
To enable the low-power and normal mode, the G_HM_MODE bit has to be set to '1'. Low-power mode is
available for lower ODRs (12.5, 26, 52 Hz) while normal mode is available for ODRs equal to 104 and 208 Hz.
6.3
Accelerometer power modes
In the LSM6DSR, the accelerometer can be configured in four different operating modes: power-down, low-
power, normal mode and high-performance mode. The operating mode selected depends on the value of the
XL_HM_MODE bit in CTRL6_C (15h). If XL_HM_MODE is set to '0', high-performance mode is valid for all ODRs
(from 12.5 Hz up to 6.66 kHz).
To enable the low-power and normal mode, the XL_HM_MODE bit has to be set to '1'. Low-power mode is
available for lower ODRs (1.6, 12.5, 26, 52 Hz) while normal mode is available for ODRs equal to 104 and
208 Hz.
6.4
Block diagram of filters
Figure 15. Block diagram of filters
ADC1
ADC2
Low Pass
UI Gyro
Low Pass
OIS Gyro
Low Pass
OIS XL
Regs
array,
FIFO
interface
Interrupt
mng
Auxiliary
SPI
Voltage and current
references
Trimming circuit
and Test interface
Clock and phase
generator
Power
management
FTP
CS
SCL/SPC
SDA/SDI/SDO
SDO/SA0
CS
SPC_Aux
SDI_Aux
SDO_Aux
INT1
INT2
M
E
M
S
S
E
N
S
O
R
Low Pass
UI XL
Gyro UI/OIS
front-end
XL UI/OIS
front-end
Temperature
sensor
Regs
array
Interrupt
mng
I2C/
/SPI
MIPI I3CSM
LSM6DSR
Functionality
DS11976 - Rev 2
page 27/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com