Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 31Page - STMicroelectronics LSM6DSR Datasheet HTML 32Page - STMicroelectronics LSM6DSR Datasheet HTML 33Page - STMicroelectronics LSM6DSR Datasheet HTML 34Page - STMicroelectronics LSM6DSR Datasheet HTML 35Page - STMicroelectronics LSM6DSR Datasheet HTML 36Page - STMicroelectronics LSM6DSR Datasheet HTML 37Page - STMicroelectronics LSM6DSR Datasheet HTML 38Page - STMicroelectronics LSM6DSR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 168 page
background image
7
Application hints
7.1
LSM6DSR electrical connections in Mode 1
Figure 22. LSM6DSR electrical connections in Mode 1
GND or Vdd_IO
Vdd_IO
GND
100 nF
C2
SDO/SA0
SDx
SCx
INT1
11
5
7
12
TOP
VIEW
Vdd
INT2
NC
NC
14
8
4
Vdd
GND
100 nF
C1
1
SCL
SDA
Vdd_IO
Rpu
Rpu
Pull-up to be added
Rpu=10kOhm
I2C configuration
HOST
LSM6DSR
Mode 1
(1)
(1)
I2C
SPI (3/4-w)
/
MIPI I3C
SM/
1.
Leave pin electrically unconnected and soldered to PCB.
The device core is supplied through the Vdd line. Power supply decoupling capacitors (C1, C2 = 100 nF ceramic)
should be placed as near as possible to the supply pin of the device (common design practice).
The functionality of the device and the measured acceleration/angular rate data is selectable and accessible
through the SPI/I²C/MIPI I3CSM interface.
The functions, the threshold and the timing of the two interrupt pins for each sensor can be completely
programmed by the user through the SPI/I²C/MIPI I3CSM interface.
LSM6DSR
Application hints
DS11976 - Rev 2
page 35/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com