Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 91 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 91 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 87Page - STMicroelectronics LSM6DSR Datasheet HTML 88Page - STMicroelectronics LSM6DSR Datasheet HTML 89Page - STMicroelectronics LSM6DSR Datasheet HTML 90Page - STMicroelectronics LSM6DSR Datasheet HTML 91Page - STMicroelectronics LSM6DSR Datasheet HTML 92Page - STMicroelectronics LSM6DSR Datasheet HTML 93Page - STMicroelectronics LSM6DSR Datasheet HTML 94Page - STMicroelectronics LSM6DSR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 168 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
FSM_OUTS10
R
55
01010101
output
FSM_OUTS11
R
56
01010110
output
FSM_OUTS12
R
57
01010111
output
FSM_OUTS13
R
58
01011000
output
FSM_OUTS14
R
59
01011001
output
FSM_OUTS15
R
5A
01011010
output
FSM_OUTS16
R
5B
01011011
output
RESERVED
-
5C-5E
EMB_FUNC_ODR_CFG_B
RW
5F
01011111
01001011
STEP_COUNTER_L
R
62
01100010
output
STEP_COUNTER_H
R
63
01100011
output
EMB_FUNC_SRC
RW
64
01100100
output
EMB_FUNC_INIT_A
RW
66
01100110
00000000
EMB_FUNC_INIT_B
RW
67
01100111
00000000
Registers marked as Reserved must not be changed. Writing to those registers may cause permanent damage to
the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSR
Embedded functions register mapping
DS11976 - Rev 2
page 91/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com