Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 65 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 61Page - STMicroelectronics LSM6DSR Datasheet HTML 62Page - STMicroelectronics LSM6DSR Datasheet HTML 63Page - STMicroelectronics LSM6DSR Datasheet HTML 64Page - STMicroelectronics LSM6DSR Datasheet HTML 65Page - STMicroelectronics LSM6DSR Datasheet HTML 66Page - STMicroelectronics LSM6DSR Datasheet HTML 67Page - STMicroelectronics LSM6DSR Datasheet HTML 68Page - STMicroelectronics LSM6DSR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
9.29
STATUS_REG (1Eh) / STATUS_SPIAux (1Eh)
The STATUS_REG register is read by the primary interface SPI/I²C & MIPI I3CSM (r)
Table 81. STATUS_REG register
0
0
0
0
0
TDA
GDA
XLDA
Table 82. STATUS_REG register description
TDA
Temperature new data available. Default: 0
(0: no set of data is available at temperature sensor output;
1: a new set of data is available at temperature sensor output)
GDA
Gyroscope new data available. Default value: 0
(0: no set of data available at gyroscope output;
1: a new set of data is available at gyroscope output)
XLDA
Accelerometer new data available. Default value: 0
(0: no set of data available at accelerometer output;
1: a new set of data is available at accelerometer output)
The STATUS_SPIAux register is read by the auxiliary SPI.
Table 83. STATUS_SPIAux register
0
0
0
0
0
GYRO
SETTLING
GDA
XLDA
Table 84. STATUS_SPIAux register description
GYRO_SETTLING
High when the gyroscope output is in the settling phase
GDA
Gyroscope data available (reset when one of the high parts of the output data is read)
XLDA
Accelerometer data available (reset when one of the high parts of the output data is read)
LSM6DSR
STATUS_REG (1Eh) / STATUS_SPIAux (1Eh)
DS11976 - Rev 2
page 65/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com