Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSR Datasheet HTML 1Page - STMicroelectronics LSM6DSR Datasheet HTML 2Page - STMicroelectronics LSM6DSR Datasheet HTML 3Page - STMicroelectronics LSM6DSR Datasheet HTML 4Page - STMicroelectronics LSM6DSR Datasheet HTML 5Page - STMicroelectronics LSM6DSR Datasheet HTML 6Page - STMicroelectronics LSM6DSR Datasheet HTML 7Page - STMicroelectronics LSM6DSR Datasheet HTML 8Page - STMicroelectronics LSM6DSR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 168 page
background image
LGA-14L
(2.5 x 3.0 x 0.83 mm) typ.
Features
Extended full-scale range for gyroscope up to 4000 dps
High stability over temperature and time
Smart FIFO up to 9 kbytes
Android compliant
Auxiliary SPI for OIS data output for gyroscope and accelerometer
±2/±4/±8/±16 g full scale
±125/±250/±500/±1000/±2000/±4000 dps full scale
Analog supply voltage: 1.71 V to 3.6 V
SPI / I²C & MIPI I3CSM serial interface with main processor data synchronization
Supports sensor synchronization S4S for Qualcomm, full spec compliant (I²C,
MIPI I3CSM, SPI)
Advanced pedometer, step detector and step counter
Significant Motion Detection, tilt detection
Programmable Finite State Machine: accelerometer, gyroscope, and external
sensors
Standard interrupts: free-fall, wakeup, 6D/4D orientation, click and double-click
Embedded temperature sensor
ECOPACK, RoHS and “Green” compliant
Applications
Motion tracking and gesture detection
Virtual and augmented reality
OIS for camera applications
Sensor hub
Indoor navigation
IoT and connected devices
Sports applications
Vibration monitoring and compensation
Drones
Robotics
High-precision systems
Description
The LSM6DSR is a system-in-package featuring a 3D digital accelerometer and a
3D digital gyroscope with an extended full-scale range for the gyroscope, up to 4000
dps, and high stability over temperature and time.
The LSM6DSR supports main OS requirements, offering real, virtual and batch
sensors with 9 kbytes with FIFO compression up to three times for dynamic data
batching.
ST’s family of MEMS sensor modules leverages the robust and mature
manufacturing processes already used for the production of micromachined
accelerometers and gyroscopes.
Product status link
LSM6DSR
Product summary
Order code
LSM6DSR
LSM6DSRTR
Temp. range
[°C]
-40 to +85
Package
LGA-14L
(2.5 x 3.0 x 0.83 mm)
Packing
Tray
Tape & Reel
Product label
Product resources
AN5358 (LSM6DSR)
AN5390 (Finite State Machine)
TN0018 (Design and soldering)
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
LSM6DSR
Datasheet
DS11976 - Rev 2 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LSM6DSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSR/X STMICROELECTRONICS-LSM6DSR/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSRX STMICROELECTRONICS-LSM6DSRX Datasheet
2Mb / 171P
iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
18-Nov-2020
More results

Similar Description - LSM6DSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com