Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRX Datasheet (PDF) - STMicroelectronics

LSM6DSRX Datasheet PDF - STMicroelectronics
Part # LSM6DSRX
Download  LSM6DSRX Download
File Size   2626.05 Kbytes
Page   171 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope

LSM6DSRX Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSRX Datasheet PDF - STMicroelectronics

Part # LSM6DSRX
Download  LSM6DSRX Click to download

File Size   2626.05 Kbytes
Page   171 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope

LSM6DSRX Datasheet (HTML) - STMicroelectronics


LSM6DSRX Product details

Features
• Extended full-scale range for gyroscope up to 4000 dps
• High stability over temperature and time
• Smart FIFO up to 9 kbytes
• Android compliant
• Auxiliary SPI for OIS data output for gyroscope and accelerometer
• ±2/±4/±8/±16 g full scale
• ±125/±250/±500/±1000/±2000/±4000 dps full scale
• Analog supply voltage: 1.71 V to 3.6 V
• SPI / I²C & MIPI I3CSM serial interface with main processor data synchronization
• Supports sensor synchronization S4S for Qualcomm, full spec compliant (I²C,
MIPI I3CSM, SPI)
• Advanced pedometer, step detector and step counter
• Significant Motion Detection, tilt detection
• Programmable Finite State Machine: accelerometer, gyroscope, and external
sensors
• Machine Learning Core
• Standard interrupts: free-fall, wakeup, 6D/4D orientation, click and double-click
• Embedded temperature sensor
• ECOPACK, RoHS and “Green” compliant

Description
The LSM6DSRX is a system-in-package featuring a 3D digital accelerometer and a
3D digital gyroscope with an extended full-scale range for the gyroscope, up to 4000
dps, and high stability over temperature and time.
The LSM6DSRX supports main OS requirements, offering real, virtual and batch
sensors with 9 kbytes with FIFO compression up to three times for dynamic data
batching.

Description
The LSM6DSRX is a system-in-package featuring a 3D digital accelerometer and a
3D digital gyroscope with an extended full-scale range for the gyroscope, up to 4000
dps, and high stability over temperature and time.
The LSM6DSRX supports main OS requirements, offering real, virtual and batch
sensors with 9 kbytes with FIFO compression up to three times for dynamic data
batching.




Similar Part No. - LSM6DSRX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSR/X STMICROELECTRONICS-LSM6DSR/X Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LSM6DSRTR STMICROELECTRONICS-LSM6DSRTR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
More results


Similar Description - LSM6DSRX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com