Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet (PDF) - STMicroelectronics

LSM6DSOX Datasheet PDF - STMicroelectronics
Part # LSM6DSOX
Download  LSM6DSOX Download
File Size   3203.21 Kbytes
Page   199 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope

LSM6DSOX Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM6DSOX Datasheet PDF - STMicroelectronics

Part # LSM6DSOX
Download  LSM6DSOX Click to download

File Size   3203.21 Kbytes
Page   199 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope

LSM6DSOX Datasheet (HTML) - STMicroelectronics


LSM6DSOX Product details

Features
• Power consumption: 0.55 mA in combo high-performance mode
• “Always-on" experience with low power consumption for both accelerometer and
gyroscope
• Smart FIFO up to 9 kbyte
• Android compliant
• ±2/±4/±8/±16 g full scale
• ±125/±250/±500/±1000/±2000 dps full scale
• Analog supply voltage: 1.71 V to 3.6 V
• Independent IO supply (1.62 V)
• Compact footprint: 2.5 mm x 3 mm x 0.83 mm
• SPI / I²C & MIPI I3CSM serial interface with main processor data synchronization
• Auxiliary SPI for OIS data output for gyroscope and accelerometer
• OIS configurable from Aux SPI, primary interface (SPI / I²C & MIPI I3CSM)
• Advanced pedometer, step detector and step counter
• Significant Motion Detection, Tilt detection
• Standard interrupts: free-fall, wakeup, 6D/4D orientation, click and double-click
• Programmable finite state machine: accelerometer, gyroscope and external
sensors
• Machine Learning Core
• S4S data synchronization
• Embedded temperature sensor
• ECOPACK®, RoHS and “Green” compliant

Description
The LSM6DSOX is a system-in-package featuring a 3D digital accelerometer and a
3D digital gyroscope boosting performance at 0.55 mA in high-performance mode
and enabling always-on low-power features for an optimal motion experience for the
consumer.
The LSM6DSOX supports main OS requirements, offering real, virtual and batch
sensors with 9 kbytes for dynamic data batching. ST’s family of MEMS sensor
modules leverages the robust and mature manufacturing processes already used for
the production of micromachined accelerometers and gyroscopes. The various
sensing elements are manufactured using specialized micromachining processes

Applications
• Motion tracking and gesture detection
• Sensor hub
• Indoor navigation
• IoT and connected devices
• Smart power saving for handheld devices
• EIS and OIS for camera applications
• Vibration monitoring and compensation




Similar Part No. - LSM6DSOX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LSM6DSOX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM330DLC STMICROELECTRONICS-LSM330DLC Datasheet
1Mb / 66P
iNEMO inertial module: 3D accelerometer and 3D gyroscope
17-Sep-2012
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSOP STMICROELECTRONICS-LSM6DSOP Datasheet
2Mb / 107P
iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
17-Feb-2020
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DST STMICROELECTRONICS-LSM6DST Datasheet
3Mb / 180P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
29-Sep-2020
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com