Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 3 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 3 Page - STMicroelectronics

  LSM6DSOX Datasheet HTML 1Page - STMicroelectronics LSM6DSOX Datasheet HTML 2Page - STMicroelectronics LSM6DSOX Datasheet HTML 3Page - STMicroelectronics LSM6DSOX Datasheet HTML 4Page - STMicroelectronics LSM6DSOX Datasheet HTML 5Page - STMicroelectronics LSM6DSOX Datasheet HTML 6Page - STMicroelectronics LSM6DSOX Datasheet HTML 7Page - STMicroelectronics LSM6DSOX Datasheet HTML 8Page - STMicroelectronics LSM6DSOX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 199 page
background image
1
Overview
The LSM6DSOX is a system-in-package featuring a high-performance 3-axis digital accelerometer and 3-axis
digital gyroscope.
The LSM6DSOX delivers best-in-class motion sensing that can detect orientation and gestures in order to
empower application developers and consumers with features and capabilities that are more sophisticated than
simply orienting their devices to portrait and landscape mode.
The event-detection interrupts enable efficient and reliable motion tracking and contextual awareness,
implementing hardware recognition of free-fall events, 6D orientation, click and double-click sensing, activity or
inactivity, stationary/motion detection and wakeup events.
The LSM6DSOX supports main OS requirements, offering real, virtual and batch mode sensors. In addition, the
LSM6DSOX can efficiently run the sensor-related features specified in Android, saving power and enabling faster
reaction time. In particular, the LSM6DSOX has been designed to implement hardware features such as
significant motion detection, stationary/motion detection, tilt, pedometer functions, timestamping and to support
the data acquisition of an external magnetometer.
The LSM6DSOX offers hardware flexibility to connect the pins with different mode connections to external
sensors to expand functionalities such as adding a sensor hub, auxiliary SPI, etc.
Up to 9 kbytes of FIFO with compression and dynamic allocation of significant data (i.e. external sensors,
timestamp, etc.) allows overall power saving of the system.
Like the entire portfolio of MEMS sensor modules, the LSM6DSOX leverages the robust and mature in-house
manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The
various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces
are developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better
match the characteristics of the sensing element.
The LSM6DSOX is available in a small plastic land grid array (LGA) package of 2.5 x 3.0 x 0.83 mm to address
ultra-compact solutions.
LSM6DSOX
Overview
DS12814 - Rev 3
page 3/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com