Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 43Page - STMicroelectronics LSM6DSOX Datasheet HTML 44Page - STMicroelectronics LSM6DSOX Datasheet HTML 45Page - STMicroelectronics LSM6DSOX Datasheet HTML 46Page - STMicroelectronics LSM6DSOX Datasheet HTML 47Page - STMicroelectronics LSM6DSOX Datasheet HTML 48Page - STMicroelectronics LSM6DSOX Datasheet HTML 49Page - STMicroelectronics LSM6DSOX Datasheet HTML 50Page - STMicroelectronics LSM6DSOX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 199 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration,
angular rate and temperature data. The register addresses, made up of 7 bits, are used to identify them and to
write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (r/w)
Table 22. FUNC_CFG_ACCESS register
FUNC_CFG_
ACCESS
SHUB_REG
_ACCESS
0(1)
0(1)
0(1)
0(1)
0(1)
OIS_CTRL
_FROM_UI
1. This bit must be set to '0' for the correct operation of the device.
Table 23. FUNC_CFG_ACCESS register description
FUNC_CFG_ACCESS
Enable access to the embedded functions configuration
registers. (1)
Default value: 0
SHUB_REG_ACCESS
Enable access to the sensor hub (I2C master) registers. (2)
Default value: 0
OIS_CTRL_FROM_UI
Enable the full control from the Primary Interface of OIS
configurations.
Default value: 0
(0: OIS chain full control from Primary Interface disabled;
1: OIS chain full control from Primary Interface enabled)
1. Details concerning the embedded functions configuration registers are available in Section 12 Embedded functions register
mapping and Section 13 Embedded functions register description.
2. Details concerning the sensor hub registers are available in Section 16 Sensor hub register mapping and Section 17 Sensor
hub register description.
LSM6DSOX
Register description
DS12814 - Rev 3
page 47/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com