Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 45Page - STMicroelectronics LSM6DSOX Datasheet HTML 46Page - STMicroelectronics LSM6DSOX Datasheet HTML 47Page - STMicroelectronics LSM6DSOX Datasheet HTML 48Page - STMicroelectronics LSM6DSOX Datasheet HTML 49Page - STMicroelectronics LSM6DSOX Datasheet HTML 50Page - STMicroelectronics LSM6DSOX Datasheet HTML 51Page - STMicroelectronics LSM6DSOX Datasheet HTML 52Page - STMicroelectronics LSM6DSOX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 199 page
background image
9.4
S4S_TPH_H (05h)
Sensor synchronization time frame register (r/w)
Table 28. S4S_TPH_H register
TPH_H_7
TPH_H_6
TPH_H_5
TPH_H_4
TPH_H_3
TPH_H_2
TPH_H_1
TPH_H_0
Table 29. S4S_TPH_H register description
TPH_H_[7:0]
S4S time frame expressed in number of samples. Only if the TPH_H_SEL bit in S4S_TPH_L (04h) is high, is
the value of this register taken into account as described in the equation in S4S_TPH_L (04h)
9.5
S4S_RR (06h)
Sensor synchronization resolution ratio register (r/w)
Table 30. S4S_RR register
0
0
0
0
0
0
RR_1
RR_0
Table 31. S4S_RR register description
RR_[1:0]
(00: S4S, DT resolution 211 ;
01: S4S, DT resolution 212 ;
10: S4S, DT resolution 213 ;
11: S4S, DT resolution 214)
9.6
FIFO_CTRL1 (07h)
FIFO control register 1 (r/w)
Table 32. FIFO_CTRL1 register
WTM7
WTM6
WTM5
WTM4
WTM3
WTM2
WTM1
WTM0
Table 33. FIFO_CTRL1 register description
WTM[7:0]
FIFO watermark threshold, in conjunction with WTM8 in FIFO_CTRL2 (08h)
1 LSB = 1 sensor (6 bytes) + TAG (1 byte) written in FIFO
Watermark flag rises when the number of bytes written in the FIFO is greater than or equal to the threshold level.
LSM6DSOX
S4S_TPH_H (05h)
DS12814 - Rev 3
page 49/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com