Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 44Page - STMicroelectronics LSM6DSOX Datasheet HTML 45Page - STMicroelectronics LSM6DSOX Datasheet HTML 46Page - STMicroelectronics LSM6DSOX Datasheet HTML 47Page - STMicroelectronics LSM6DSOX Datasheet HTML 48Page - STMicroelectronics LSM6DSOX Datasheet HTML 49Page - STMicroelectronics LSM6DSOX Datasheet HTML 50Page - STMicroelectronics LSM6DSOX Datasheet HTML 51Page - STMicroelectronics LSM6DSOX Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 199 page
background image
9.2
PIN_CTRL (02h)
SDO, OCS_AUX, SDO_AUX pins pull-up enable/disable register (r/w)
Table 24. PIN_CTRL register
OIS_
PU_DIS
SDO_
PU_EN
1
1
1
1
1
1
Table 25. PIN_CTRL register description
OIS_PU_DIS
Disable pull-up on both OCS_Aux and SDO_Aux pins. Default value: 0
(0: OCS_Aux and SDO_Aux pins with pull-up;
1: OCS_Aux and SDO_Aux pins pull-up disconnected)
SDO_PU_EN
Enable pull-up on SDO pin
(0: SDO pin pull-up disconnected (default); 1: SDO pin with pull-up)
9.3
S4S_TPH_L (04h)
Sensor synchronization time frame register (r/w)
Table 26. S4S_TPH_L register
TPH_H_
SEL
TPH_L_6
TPH_L_5
TPH_L_4
TPH_L_3
TPH_L_2
TPH_L_1
TPH_L_0
Table 27. S4S_TPH_L register description
TPH_H_SEL
Chooses if the TPH formula must be taken into account (see equation below).
TPH_L_[6:0]
S4S time frame expressed in number of samples as described in the equation below.
If TPH_H_SEL=0 and TPH_L_[6:0] = d0, S4S is disabled.
When TPH_H_SEL = 0:
TPH [#Samples] = 2 x TPHL
When TPH_H_SEL = 1:
TPH [#Samples] = 2 x (TPH_L + 256 x TPH_H)
LSM6DSOX
PIN_CTRL (02h)
DS12814 - Rev 3
page 48/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com