Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 91 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 91 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 87Page - STMicroelectronics LSM6DSOX Datasheet HTML 88Page - STMicroelectronics LSM6DSOX Datasheet HTML 89Page - STMicroelectronics LSM6DSOX Datasheet HTML 90Page - STMicroelectronics LSM6DSOX Datasheet HTML 91Page - STMicroelectronics LSM6DSOX Datasheet HTML 92Page - STMicroelectronics LSM6DSOX Datasheet HTML 93Page - STMicroelectronics LSM6DSOX Datasheet HTML 94Page - STMicroelectronics LSM6DSOX Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 199 page
background image
9.65
INTERNAL_FREQ_FINE (63h)
Internal frequency register (r)
Table 173. INTERNAL_FREQ_FINE register
FREQ_
FINE7
FREQ_
FINE6
FREQ_
FINE5
FREQ_
FINE4
FREQ_
FINE3
FREQ_
FINE2
FREQ_
FINE1
FREQ_
FINE0
Table 174. INTERNAL_FREQ_FINE register description
FREQ_FINE[7:0]
Difference in percentage of the effective ODR (and Timestamp Rate) with respect to the typical.
Step: 0.15%. 8-bit format, 2's complement.
9.66
UI_INT_OIS (6Fh)
OIS interrupt configuration register and accelerometer self-test enable setting. The primary interface can write this
register when the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS (01h) register is equal to 1 (Primary IF
Full control mode); this register is read-only when the OIS_CTRL_FROM_UI bit is equal to 0 (SPI2 Full control
mode) and shows the content of the SPI2_INT_OIS (6Fh) register.
Table 175. UI_INT_OIS register
INT2_
DRDY_OIS
LVL2_OIS
DEN_LH_OIS
0
SPI2_
READ_EN
0
0
0
Table 176. UI_INT_OIS register description
INT2_DRDY_OIS Enables OIS chain DRDY on INT2 pin. This setting has priority over all other INT2 settings.
LVL2_OIS
Enables level-sensitive latched mode on the OIS chain. Default value: 0
DEN_LH_OIS
Indicates polarity of DEN signal on OIS chain
(0: DEN pin is active-low;
1: DEN pin is active-high)
SPI2_READ_EN
In Primary IF full control mode, enables Auxiliary SPI for reading OIS data in registers
SPI2_OUTX_L_G_OIS (22h) and SPI2_OUTX_H_G_OIS (23h) through SPI2_OUTZ_L_A_OIS (2Ch) and
SPI2_OUTZ_H_A_OIS (2Dh). Default value: 0
(0: OIS data reading from Auxiliary SPI disabled;
1: OIS data reading from Auxiliary SPI enabled)
LSM6DSOX
INTERNAL_FREQ_FINE (63h)
DS12814 - Rev 3
page 91/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com