Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 29Page - STMicroelectronics LSM6DSOX Datasheet HTML 30Page - STMicroelectronics LSM6DSOX Datasheet HTML 31Page - STMicroelectronics LSM6DSOX Datasheet HTML 32Page - STMicroelectronics LSM6DSOX Datasheet HTML 33Page - STMicroelectronics LSM6DSOX Datasheet HTML 34Page - STMicroelectronics LSM6DSOX Datasheet HTML 35Page - STMicroelectronics LSM6DSOX Datasheet HTML 36Page - STMicroelectronics LSM6DSOX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 199 page
background image
6.5
OIS
This paragraph describes OIS functionality. There is a dedicated gyroscope and accelerometer DSP for OIS.
Other features can be configured:
Self-test on OIS side
DEN on OIS side
6.5.1
Enabling OIS functionality and connection schemes
There are three different ways in order to enable and configure OIS functionality:
Auxiliary SPI full control: Enabling and configuration done from Auxiliary SPI
Enabling primary interface: Enable from primary interface, configuration from Auxiliary SPI
Primary interface full control: Enabling and configuration done from primary interface
The configurations that allow selecting these three different options are done using the OIS_CTRL_FROM_UI bit
in FUNC_CFG_ACCESS (01h) and the OIS_ON_EN bit in CTRL7_G (16h) as described in the following table.
Table 19. OIS configurations
OIS_CTRL_
FROM_UI
OIS_ON_EN
OIS configuration option
0
0
Auxiliary SPI full control
0
1
Enabling primary interface
1
x
Primary interface full control
6.5.1.1
Auxiliary SPI full control
This is the default condition of the device. The camera module is completely independent from the application
processor as shown in Figure 22.
The Auxiliary SPI can configure OIS functionality through SPI2_INT_OIS (6Fh), SPI2_CTRL1_OIS (70h),
SPI2_CTRL2_OIS (71h), SPI2_CTRL3_OIS (72h).
Reading from the Auxiliary SPI is enabled only when the OIS_EN_SPI2 bit in the SPI2_CTRL1_OIS (70h) register
is set to '1'. This bit also turns on the gyroscope OIS chain.
The Primary Interface can access the OIS control registers (UI_INT_OIS (6Fh), UI_CTRL1_OIS (70h),
UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h)) in read mode.
Note:
If accelerometer Ultra-Low-Power Mode is intended to be used on the Primary chain, it is recommended to use
the Primary IF enabling option instead, in order to make sure that the device is set in Power-Down (from ULP
mode) before enabling the OIS chain.
LSM6DSOX
OIS
DS12814 - Rev 3
page 33/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com