Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 30Page - STMicroelectronics LSM6DSOX Datasheet HTML 31Page - STMicroelectronics LSM6DSOX Datasheet HTML 32Page - STMicroelectronics LSM6DSOX Datasheet HTML 33Page - STMicroelectronics LSM6DSOX Datasheet HTML 34Page - STMicroelectronics LSM6DSOX Datasheet HTML 35Page - STMicroelectronics LSM6DSOX Datasheet HTML 36Page - STMicroelectronics LSM6DSOX Datasheet HTML 37Page - STMicroelectronics LSM6DSOX Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 199 page
background image
Figure 22. Auxiliary SPI full control (a) and enabling primary interface (b)
6x
UI/OIS
AP
I3C/SPI/I2C
Camera Module
OIS Driver
Image
Sensor
Actuator
SPI_Aux
6x
UI/OIS
AP
I3C/SPI/I2C
Camera Module
OIS Driver
Image
Sensor
Actuator
SPI_Aux
(a)
(b)
6.5.1.2
Enabling primary interface
This option allows the application processor to enable/disable the OIS functionality from the primary interface. An
example of this option is shown in Figure 22.
In order to enable/disable the OIS chain from the primary interface, the OIS_ON_EN bit in the CTRL7_G (16h)
register must be set to '1' from the primary interface.
Then, enabling OIS functionalities and reading from the Auxiliary SPI can be done from the primary interface by
setting the OIS_ON bit in CTRL7_G (16h) to ‘1’. This bit also turns on the gyroscope OIS chain.
The configuration of the OIS functionalities must be implemented from the Auxiliary SPI through the
SPI2_INT_OIS (6Fh), SPI2_CTRL1_OIS (70h), SPI2_CTRL2_OIS (71h), and SPI2_CTRL3_OIS (72h) registers.
The camera module can verify that the AP has enabled the LSM6DSOX OIS chain by reading the
SPI2_WHO_AM_I (0Fh) register. The bit OIS_EN_SPI2 is kept under reset.
The Primary Interface can access the OIS control registers (UI_INT_OIS (6Fh), UI_CTRL1_OIS (70h),
UI_CTRL2_OIS (71h), UI_CTRL3_OIS (72h)) in read mode.
Note:
If the accelerometer Ultra-Low-Power Mode is active when activation of the OIS is required, the device must be
set in Power-Down mode before enabling the OIS chain.
The OIS_ON_EN bit is reset from the SW RESET procedure.
6.5.1.3
Primary interface full control
This option allows the application processor to configure all OIS functionalities from the primary interface. This
option allows using embedded OIS data for both the main and front camera, connecting them to the application
processor (eventually adding a context hub) as shown in Figure 23: the AP can also do some processing on the
data before sending them to the cameras.
In order to place the device in this mode, the OIS_CTRL_FROM_UI bit in the FUNC_CFG_ACCESS (01h)
register must be set to ‘1’ from the primary interface.
LSM6DSOX
OIS
DS12814 - Rev 3
page 34/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com