Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 31Page - STMicroelectronics LSM6DSOX Datasheet HTML 32Page - STMicroelectronics LSM6DSOX Datasheet HTML 33Page - STMicroelectronics LSM6DSOX Datasheet HTML 34Page - STMicroelectronics LSM6DSOX Datasheet HTML 35Page - STMicroelectronics LSM6DSOX Datasheet HTML 36Page - STMicroelectronics LSM6DSOX Datasheet HTML 37Page - STMicroelectronics LSM6DSOX Datasheet HTML 38Page - STMicroelectronics LSM6DSOX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 199 page
background image
Figure 23. OIS Primary interface full control
Context
Hub
Front camera
6x
UI/OIS
AP
I3C/SPI/I2C
2nd camera
Main camera
OIS Driver
Image
Sensor
Actuator
Context
Hub
Front camera
6x
UI/OIS
AP
I3C/SPI/I2C
2nd camera
Main camera
OIS Driver
Image
Sensor
Actuator
SPI_Aux
(a)
(b)
Then, the AP can configure OIS functionalities through UI_INT_OIS (6Fh), UI_CTRL1_OIS (70h), UI_CTRL2_OIS
(71h), UI_CTRL3_OIS (72h).
The OIS_EN_SPI2 bit in the UI_CTRL1_OIS (70h) register enables the gyroscope OIS chain.
Reading from the Auxiliary SPI can be enabled by setting the SPI2_ READ_EN bit in the UI_INT_OIS (6Fh)
register to ‘1’ in order to directly read OIS data (as shown in Figure 23 (b)). The Auxiliary SPI can access the
SPI2_INT_OIS (6Fh), SPI2_CTRL1_OIS (70h), SPI2_CTRL2_OIS (71h), and SPI2_CTRL3_OIS (72h) registers
in read-only mode.
Note:
If the accelerometer Ultra-Low-Power Mode is active when activation of the OIS is required, the device must be
set in Power-Down mode before enabling the OIS chain.
The OIS_CTRL_FROM_UI bit is reset from the SW RESET procedure.
S4S is not available in the primary interface full control mode.
LSM6DSOX
OIS
DS12814 - Rev 3
page 35/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com