Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSOX Datasheet(PDF) 90 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 86Page - STMicroelectronics LSM6DSOX Datasheet HTML 87Page - STMicroelectronics LSM6DSOX Datasheet HTML 88Page - STMicroelectronics LSM6DSOX Datasheet HTML 89Page - STMicroelectronics LSM6DSOX Datasheet HTML 90Page - STMicroelectronics LSM6DSOX Datasheet HTML 91Page - STMicroelectronics LSM6DSOX Datasheet HTML 92Page - STMicroelectronics LSM6DSOX Datasheet HTML 93Page - STMicroelectronics LSM6DSOX Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 199 page
background image
9.62
S4S_ST_CMD_CODE (60h)
S4S Master command register (r/w)
Table 167. S4S_ST_CMD_CODE register
ST_CMD_
CODE7
ST_CMD_
CODE6
ST_CMD_
CODE5
ST_CMD_
CODE4
ST_CMD_
CODE3
ST_CMD_
CODE2
ST_CMD_
CODE1
ST_CMD_
CODE0
Table 168. S4S_ST_CMD_CODE register description
ST_CMD_CODE[7:0]
Master command code used for S4S. Default value: 0
9.63
S4S_DT_REG (61h)
S4S DT register (r/w)
Table 169. S4S_DT_REG register
DT7
DT6
DT5
DT4
DT3
DT2
DT1
DT0
Table 170. S4S_DT_REG register description
DT[7:0]
DT used for S4S. Default value: 0
9.64
I3C_BUS_AVB (62h)
I3C_BUS_AVB register (r/w)
Table 171. I3C_BUS_AVB register
0(1)
0(1)
0(1)
I3C_Bus_
Avb_Sel1
I3C_Bus_
Avb_Sel0
0(1)
0(1)
PD_DIS_
INT1
1. This bit must be set to '0' for the correct operation of the device.
Table 172. I3C_BUS_AVB register description
PD_DIS_INT1
This bit allows disabling the INT1 pull-down.
(0: Pull-down on INT1 enabled (pull-down is effectively connected only when no interrupts are routed
to the INT1 pin or when I3C dynamic address is assigned);
1: Pull-down on INT1 disabled (pull-down not connected)
I3C_Bus_Avb_Sel[1:0]
These bits are used to select the bus available time when I3C IBI is used.
Default value: 00
(00: bus available time equal to 50 µsec (default);
01: bus available time equal to 2 µsec;
10: bus available time equal to 1 msec;
11: bus available time equal to 25 msec)
LSM6DSOX
S4S_ST_CMD_CODE (60h)
DS12814 - Rev 3
page 90/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com