Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 34 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 30Page - STMicroelectronics LSM6DSR Datasheet HTML 31Page - STMicroelectronics LSM6DSR Datasheet HTML 32Page - STMicroelectronics LSM6DSR Datasheet HTML 33Page - STMicroelectronics LSM6DSR Datasheet HTML 34Page - STMicroelectronics LSM6DSR Datasheet HTML 35Page - STMicroelectronics LSM6DSR Datasheet HTML 36Page - STMicroelectronics LSM6DSR Datasheet HTML 37Page - STMicroelectronics LSM6DSR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 168 page
background image
6.6.6
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL4 (0Ah)(FIFO_MODE_[2:0] = '111'), data measurement storage inside FIFO
operates in FIFO mode when selected triggers are equal to '1', otherwise FIFO content is reset (Bypass mode).
FIFO behavior changes according to the trigger event detected in one of the following interrupt events:
Single tap
Double tap
Wake-up
Free-fall
D6D
6.6.7
FIFO reading procedure
The data stored in FIFO are accessible from dedicated registers and each FIFO word is composed of 7
bytes: one tag byte (FIFO_DATA_OUT_TAG (78h)), in order to identify the sensor, and 6 bytes of fixed data
(FIFO_DATA_OUT registers from (79h) to (7Eh)).
The DIFF_FIFO_[9:0] field in the FIFO_STATUS1 (3Ah) and FIFO_STATUS2 (3Bh) registers contains the number
of words (1 byte TAG + 6 bytes DATA) collected in FIFO.
In addition, it is possible to configure a counter of the batch events of accelerometer or gyroscope sensors.
The flag COUNTER_BDR_IA in FIFO_STATUS2 (3Bh) alerts that the counter reaches a selectable threshold
(CNT_BDR_TH_[10:0] field in COUNTER_BDR_REG1 (0Bh) and COUNTER_BDR_REG2 (0Ch)). This allows
triggering the reading of FIFO with the desired latency of one single sensor. The sensor is selectable
using the TRIG_COUNTER_BDR bit in COUNTER_BDR_REG1 (0Bh). As for the other FIFO status events,
the flag COUNTER_BDR_IA can be routed on the INT1 or INT2 pins by asserting the corresponding bits
(INT1_CNT_BDR of INT1_CTRL (0Dh)) and INT2_CNT_BDR of INT2_CTRL (0Eh)).
In order to maximize the amount of accelerometer and gyroscope data in FIFO, the user can enable the
compression algorithm by setting to 1 both the FIFO_COMPR_EN bit in EMB_FUNC_EN_B (05h) (embedded
functions registers bank) and the FIFO_COMPR_RT_EN bit in FIFO_CTRL2 (08h). When compression
is enabled, it is also possible to force writing non-compressed data at a selectable rate using the
UNCOPTR_RATE_[1:0] field in FIFO_CTRL2 (08h).
Meta information about accelerometer and gyroscope sensor configuration changes can be managed by enabling
the ODR_CHG_EN bit in FIFO_CTRL2 (08h).
LSM6DSR
FIFO
DS11976 - Rev 2
page 34/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com