Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSR Datasheet(PDF) 64 Page - STMicroelectronics

Part # LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 60Page - STMicroelectronics LSM6DSR Datasheet HTML 61Page - STMicroelectronics LSM6DSR Datasheet HTML 62Page - STMicroelectronics LSM6DSR Datasheet HTML 63Page - STMicroelectronics LSM6DSR Datasheet HTML 64Page - STMicroelectronics LSM6DSR Datasheet HTML 65Page - STMicroelectronics LSM6DSR Datasheet HTML 66Page - STMicroelectronics LSM6DSR Datasheet HTML 67Page - STMicroelectronics LSM6DSR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
9.28
DRD_SRC (1Dh)
Portrait, landscape, face-up and face-down source register (r)
Table 79. D6D_SRC register
DEN_DRDY
D6D_IA
ZH
ZL
YH
YL
XH
XL
Table 80. D6D_SRC register description
DEN_DRDY
DEN data-ready signal. It is set high when data output is related to the data coming from a DEN active
condition.(1)
D6D_IA
Interrupt active for change position portrait, landscape, face-up, face-down. Default value: 0
(0: change position not detected; 1: change position detected)
ZH
Z-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
ZL
Z-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
YH
Y-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over-threshold) detected)
YL
Y-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
XH
X-axis high event (over threshold). Default value: 0
(0: event not detected; 1: event (over threshold) detected)
XL
X-axis low event (under threshold). Default value: 0
(0: event not detected; 1: event (under threshold) detected)
1. The DEN data-ready signal can be latched or pulsed depending on the value of the dataready_pulsed bit of the
COUNTER_BDR_REG1 (0Bh) register.
LSM6DSR
DRD_SRC (1Dh)
DS11976 - Rev 2
page 64/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com